Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 4 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 4 Page - Motorola, Inc

  DSP56300FM/AD Datasheet HTML 1Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 2Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 3Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 4Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 5Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 6Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 7Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 8Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
4
PRELIMINARY
Freescale Semiconductor
Documentation
2
Documentation
Table 2 lists the documents that provide a complete description of the DSP56374 and are required to design properly with the
part. Documentation is available from a local Freescale Semiconductor, Inc. (formerly Motorola) distributor, semiconductor sales
office, Literature Distribution Center, or through the Freescale DSP home page on the Internet (the source for the latest
information).
3
Signal Groupings
The input and output signals of the DSP56374 are organized into functional groups, which are listed in Table 3..
The DSP56374 is operated from a 1.25 V and 3.3 V supply; however, some of the inputs can tolerate 5.0 V. A special notice for
this feature is added to the signal descriptions of those inputs.
Table 2. DSP56374 Documentation
Document Name
Description
Order Number
DSP56300 Family Manual
Detailed description of the 56300-family architecture and the
24-bit core processor and instruction set
DSP56300FM/AD
DSP56374 User’s Manual
Detailed description of memory, peripherals, and interfaces
DSP56374UM/D
DSP56374 Technical Data Sheet
Electrical and timing specifications; pin and package
descriptions
DSP56374
DSP56374 Product Brief
Brief description of the chip
DSP56374PB/D
Table 3. DSP56374 Functional Signal Groupings
Functional Group
Number of
Signals1
Detailed
Description
Power (VDD)
11
Table 15.
Ground (GND)
9
Table 5.
Scan Pins
1
Table 6.
Clock and PLL
3
Table 7.
Interrupt and mode control
Port H2
5
Table 8.
SHI
Port H2
5
Table 9.
ESAI
Port C4
12
Table 10.
ESAI_1
Port E5
12
Table 11.
Dedicated GPIO
Port G3
15
Table 12.
Timer
3
Table 13.
JTAG/OnCE Port
4
Table 14.
Note:
1. Pins are not 5 V. tolerant unless noted.
2. Port H signals are the GPIO port signals which are multiplexed with the MOD and HREQ signals.
3. Port G signals are the dedicated GPIO port signals.
4. Port C signals are the GPIO port signals which are multiplexed with the ESAI signals.
5. Port E signals are the GPIO port signals which are multiplexed with the ESAI_1 signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com