Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 29 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 29 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 25Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 26Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 27Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 28Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 29Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 30Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 31Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 32Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
External Clock Operation
Freescale Semiconductor
PRELIMINARY
29
10
External Clock Operation
The DSP56374 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip oscillator, connect
a crystal and associated resistor/capacitor components to EXTAL and XTAL; an example is shown below.
If the DSP56374 system clock is an externally supplied square wave voltage source, it is connected to EXTAL (Figure 2). When
the external square wave source connects to EXTAL, the XTAL pin is not used.
Figure 2.
External Clock Timing
Table 19. Clock Operation
No.
Characteristics
Symbol
Min
Max
Units
6
EXTAL input high 1
(40% to 60% duty cycle)
Eth
3.33
50
ns
7
EXTAL input low1
(40% to 60% duty cycle)
Etl
3.33
50
ns
8
EXTAL cycle time
• With PLL disabled
• With PLL enabled
Etc
6.67
50
inf
200
ns
Suggested component values:
fosc = 24.576 MHz
R = 1 M ±10%
C (EXTAL)= 18 pF
Calculations are for a 12 - 49 MHz crystal with the following parameters:
• shunt capacitance (C0) of 10 pF - 12 pF
• series resistance 40 Ohm
C (XTAL) = 47 pF
• drive level of 10
µW
EXTAL
VIL
VIH
Midpoint
Note:
The midpoint is 0.5 (VIH + VIL).
ETH
ETL
ETC
7
8
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com