Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56300FM/AD Datasheet HTML 1Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 2Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 3Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 4Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 5Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 6Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 7Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 8Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
PRELIMINARY
Freescale Semiconductor
Technical Data
DSP56374
Rev. 1, 11/2004
Overview
The DSP56374 is a high density CMOS device with 3.3 V inputs and outputs.
NOTE
This document contains information on a new product.
Specifications and information herein are subject to
change without notice.
Finalized specifications may be published after further characterization and device
qualifications are completed.
The DSP56374 supports digital audio applications requiring sound field processing,
acoustic equalization, and other digital audio algorithms. The DSP56374 uses the high
performance, single-clock-per-cycle DSP56300 core family of programmable CMOS digital
signal processors (DSPs) combined with the audio signal processing capability of the
Freescale Semiconductor, Inc. (formerly Motorola) Symphony™ DSP family, as shown in
Figure 1. Significant architectural enhancements include a barrel shifter, 24-bit addressing,
and direct memory access (DMA). The DSP56374 offers 150 million instructions per second
(MIPS) using an internal 150 MHz clock.
Data Sheet Conventions
This data sheet uses the following conventions:
OVERBAR
Used to indicate a signal that is active when pulled low (For
example, the RESET pin is active when low.)
“asserted”
Means that a high true (active high) signal is high or that a low true
(active low) signal is low
“deasserted” Means that a high true (active high) signal is low or that a low true
(active low) signal is high
Examples:
Signal/
Symbol
Logic State
Signal State
Voltage*
PIN
True
Asserted
VIL / VOL
PIN
False
Deasserted
VIH / VOH
PIN
True
Asserted
VIH / VOH
PIN
False
Deasserted
VIL / VOL
Note: *Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
Table of Contents
Section
Page
1 Features........................................ 2
2 Documentation.............................. 4
3 Signal Groupings .......................... 4
4 Maximum Ratings ....................... 24
5 Power Requirements................... 25
6 Thermal Characteristics.............. 26
7 DC Electrical Characteristics ...... 26
8 AC Electrical Characteristics....... 27
9 Internal Clocks ............................ 27
10 External Clock Operation .......... 29
11 Reset, Stop, Mode Select, and
Interrupt Timing ........................... 30
12 Serial Host Interface SPI Protocol
Timing.......................................... 34
13 Serial Host Interface (SHI) I2C
Protocol Timing ........................... 40
14 Programming the Serial Clock .. 42
15 Enhanced Serial Audio Interface
Timing.......................................... 43
16 Timer Timing ............................. 48
17 GPIO Timing ............................. 48
18 JTAG Timing ............................. 50
19 Watchdog Timer Timing ............ 52
Appendix A Package Information. 53
Appendix B IBIS Model ................. 63


Similar Part No. - DSP56300FM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM/AD MOTOROLA-DSP56300FM/AD Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56300FM/AD FREESCALE-DSP56300FM/AD Datasheet
1Mb / 64P
a high-density CMOS device
logo
NXP Semiconductors
DSP56300FM/AD NXP-DSP56300FM/AD Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56300FM/AD NXP-DSP56300FM/AD Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56300FM/AD NXP-DSP56300FM/AD Datasheet
246Kb / 8P
DSP56307EVM Evaluation Module
More results

Similar Description - DSP56300FM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
high density CMOS device
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
a high-density CMOS device
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com