Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 21 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 21 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 17Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 18Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 19Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 20Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 21Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 22Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 23Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 24Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
Signal Groupings
Freescale Semiconductor
PRELIMINARY
21
PG9
Input,
output, or
disconnected
GPIO
disconnected
Port G9—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG10
Input,
output, or
disconnected
GPIO
disconnected
Port G10—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG11
Input,
output, or
disconnected
GPIO
disconnected
Port G11—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG12
Input,
output, or
disconnected
GPIO
disconnected
Port G12—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG13
Input,
output, or
disconnected
GPIO
disconnected
Port G13—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG14
Input,
output, or
disconnected
GPIO
disconnected
Port G14—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
Table 12. Dedicated GPIO - Port G Signals (Continued)
Signal
Name
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com