Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 17 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 17 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 13Page - ELM Electronics ELM327LP Datasheet HTML 14Page - ELM Electronics ELM327LP Datasheet HTML 15Page - ELM Electronics ELM327LP Datasheet HTML 16Page - ELM Electronics ELM327LP Datasheet HTML 17Page - ELM Electronics ELM327LP Datasheet HTML 18Page - ELM Electronics ELM327LP Datasheet HTML 19Page - ELM Electronics ELM327LP Datasheet HTML 20Page - ELM Electronics ELM327LP Datasheet HTML 21Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
17 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
detected. If there should be a significant number of
errors (due to a hardware or software problem), the
device will go off-line in order to not affect other data
on the bus. The AT CS command lets you see both
the transmitter (Tx) and the receiver (Rx) error counts,
in hexadecimal. If the transmitter should be off (count
>FF), you will see ‘OFF’ rather than a specific count.
CSM0 and CSM1
[ CAN Silent Monitoring off or on ]
The ELM327 was designed to be completely silent
while monitoring a CAN bus. Because of this, it is able
to report exactly what it sees, without colouring the
information in any way. Occasionally (when bench
testing, or when connecting to a dedicated CAN port),
it may be preferred that the ELM327 does not operate
silently (ie generates ACK bits, etc.), and this is what
the CSM command is for. CSM1 turns it on, CSM0
turns it off, and the default value is determined by
PP 21. Be careful when experimenting with this. If you
should choose the wrong baud rate then monitor the
CAN bus with the silent monitoring off, you will disturb
the flow of data. Always keep the silent monitoring on
until you are certain that you have chosen the correct
baud rate.
CTM1
[ set the Timer Multiplier to 1 ]
This command causes all timeouts set by AT ST
to be multiplied by a factor of 1. Note that this currently
only affects the CAN protocols (6 to C). CTM1 is the
default setting.
CTM5
[ set the Timer Multiplier to 5 ]
This command causes all timeouts set by AT ST
to be multiplied by a factor of 5. Note that this currently
only affects the CAN protocols (6 to C).
This command was originally added (as JTM5) to
assist with the retrieving of some J1939 messages.
We have since had several requests to allow it to
affect all CAN modes, and so have modified the JTM5
code and added the new CTM1/CTM5 commands. If
using CTM5, we caution that the Adaptive Timing code
does not monitor changes in the setting, so we advise
turning it off (with AT AT0).
By default, this multiplier is off.
CV dddd
[ Calibrate the Voltage to dd.dd volts ]
The voltage reading that the ELM327 shows for an
AT RV request can be calibrated with this command.
The argument (‘dddd’) must always be provided as 4
digits, with no decimal point (it assumes that the
decimal place is between the second and the third
digits).
To use this feature, simply use an accurate meter
to read the actual input voltage, then use the CV
command to change the internal calibration (scaling)
factor. For example, if the ELM327 shows the voltage
as 12.2V while you measure 11.99 volts, then send
AT CV 1199 and the ELM327 will recalibrate itself for
that voltage (it will actually read 12.0V due to digit
roundoff). See page 30 for some more information on
how to read voltages and perform the calibration.
CV 0000
[ restore the factory Calibration Value ]
If you are experimenting with the CV dddd
command but do not have an accurate voltmeter as a
reference, you may soon get into trouble. If this
happens, you can always send AT CV 0000 to restore
the ELM327 to the original calibration value.
The ELM327’s factory calibration setting assumes
that a 1:5.7 ratio resistor divider is being used (this is
what the 47K and 10K resistors provide in Figure 9).
The ELM327L also assumes this same ratio, if VDD is
above 4V. If VDD is 4V or less, the ELM327L assumes
a 1:11 ratio as would be acheived with a 47K and 4.7K
resistor divider, as we show in Figure 15.
D
[ set all to Defaults ]
This command is used to set the options to their
default (or factory) settings, as when power is first
applied. The last stored protocol will be retrieved from
memory, and will become the current setting (possibly
closing other protocols that are active). Any settings
that the user had made for custom headers, filters, or
masks will be restored to their default values, and all
timer settings will also be restored to their defaults.
D0 and D1
[ display of DLC off or on ]
The ISO 15765-4 CAN protocol requires all
messages to have 8 data bytes, so displaying the
number of data bytes (the DLC) is not very useful.
When
experimenting
with
other
CAN
protocols,
however, it may be useful to be able to see what the
data lengths are. The D0 and D1 commands control
the display of the DLC digit (the headers must also be
on in order to see it). When displayed, the single DLC
digit will appear between the ID (header) bytes and the
data bytes. The default setting is determined by PP 29.
AT Command Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com