Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 27 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 27 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 23Page - ELM Electronics ELM327LP Datasheet HTML 24Page - ELM Electronics ELM327LP Datasheet HTML 25Page - ELM Electronics ELM327LP Datasheet HTML 26Page - ELM Electronics ELM327LP Datasheet HTML 27Page - ELM Electronics ELM327LP Datasheet HTML 28Page - ELM Electronics ELM327LP Datasheet HTML 29Page - ELM Electronics ELM327LP Datasheet HTML 30Page - ELM Electronics ELM327LP Datasheet HTML 31Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
27 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
5 - ISO 14230-4 KWP (fast init, 10.4 kbaud)
6 - ISO 15765-4 CAN (11 bit ID, 500 kbaud)
7 - ISO 15765-4 CAN (29 bit ID, 500 kbaud)
8 - ISO 15765-4 CAN (11 bit ID, 250 kbaud)
9 - ISO 15765-4 CAN (29 bit ID, 250 kbaud)
A - SAE J1939 CAN (29 bit ID, 250* kbaud)
B - USER1 CAN (11* bit ID, 125* kbaud)
C - USER2 CAN (11* bit ID, 50* kbaud)
* default settings (user adjustable)
The first protocol shown (0) is a convenient way of
telling the ELM327 that the vehicle’s protocol is not
known, and that it should perform a search. It causes
the ELM327 to try all protocols if necessary, looking for
one that can be initiated correctly. When a valid
protocol is found, and the memory function is enabled,
that protocol will then be remembered, and will
become the new default setting. When saved like this,
the automatic mode searching will still be enabled, and
the next time the ELM327 fails to connect to the saved
protocol, it will again search all protocols for another
valid one. Note that some vehicles respond to more
than one protocol - if searching, you may see more
than one type of response.
ELM327 users often use the AT SP 0 command to
reset the search protocol before starting (or restarting)
a connection. This works well, but since it is used so
often, and since writes to EEPROM result in an
unnecessary delay (of about 30 msec), the AT SP0
command sets the protocol to 0, but does not perform
a write to EEPROM. Similarly, the SP A0 and SP 0A
commands do not perform writes to EEPROM, either.
Saving this value to EEPROM would not provide any
advantage (and would be very short-lived, as the
ELM327 will soon be finding the vehicle’s protocol and
over-writing the ‘0’ value in EEPROM). If you really
want to store the value ‘0’ in the internal EEPROM,
you must use the AT SP 00 command.
If another protocol (other than 0) is selected with
this command (eg. AT SP 3), that protocol will become
the default, and will be the only protocol used by the
ELM327. Failure to initiate a connection in this
situation will result in a response such as ‘BUS INIT:
...ERROR’, and no other protocols will be attempted.
This is a useful setting if you know that your vehicle(s)
only use the one protocol, but is also one that can
cause a lot of problems if you do not understand it.
SP 00
[ erase the Stored Protocol ]
To speed up protocol initiation and detection, the
SP 0 command sets the protocol to automatic, but
does not perform a (very time-consuming) write to
EEPROM. Some users felt it was necessary to be able
to actually write to the ELM327's EEPROM, however,
so we provided this command. It should not normally
be used when connecting to a vehicle.
SP Ah
[ Set Protocol to Auto, h ]
This variation of the SP command allows you to
choose a starting (default) protocol, while still retaining
the ability to automatically search for a valid protocol
on a failure to connect. For example, if your vehicle is
ISO 9141-2, but you want to occasionally use the
ELM327 circuit on other vehicles, you might use the
AT SP A3 command, so that the first protocol tried will
then be yours (3), but it will also automatically search
for other protocols. Don't forget to disable the memory
function if doing this, or each new protocol detected
will become your new default.
SP Ah will save the protocol information even if
the memory option is off (but SP A0 and SP 0A do not-
if you must write 0 to the EEPROM, use command AT
SP 00). Note that the ‘A’ can come before or after the
h, so AT SP A3 can also be entered as AT SP 3A.
SR hh
[Set the Receive address to hh ]
Depending on the application, users may wish to
manually set the address to which the ELM327 will
respond. Issuing this command will turn off the AR
mode, and force the IC to only accept responses
addressed to hh. Use caution with this setting, as
depending on what you set it to, you may accept a
message that was actually meant for another module,
possibly sending an IFR when you should not. To turn
off the SR filtering, simply send AT AR.
This command has limited use with CAN, as it only
monitors one byte of the ID bits, and that is not likely
selective enough for most CAN applications (the CRA
command may be a better choice). Also, the command
has no effect on the addresses used by the J1939
protocols, as the J1939 routines set their own receive
addresses based on the ID bit (header) values.
This SR command is exactly the same as the RA
command, and can be used interchangeably with it.
Note that CAN Extended Addressing does not use this
value - it uses the one set by the AT TA command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com