Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 77 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 77 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 73Page - ELM Electronics ELM327LP Datasheet HTML 74Page - ELM Electronics ELM327LP Datasheet HTML 75Page - ELM Electronics ELM327LP Datasheet HTML 76Page - ELM Electronics ELM327LP Datasheet HTML 77Page - ELM Electronics ELM327LP Datasheet HTML 78Page - ELM Electronics ELM327LP Datasheet HTML 79Page - ELM Electronics ELM327LP Datasheet HTML 80Page - ELM Electronics ELM327LP Datasheet HTML 81Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
A very common question that we receive is ‘Can I
connect the ELM327 directly to my own circuit, or must
I use the interface shown?’ Certainly you may connect
directly to our ICs, and you do not need to use an
RS232 or USB interface. There are a few items to
consider, however.
The ELM327 is actually a microprocessor that
contains a standard UART type interface, connected to
the RS232 Tx and Rx pins. The logic type is CMOS,
and the Rx pin has Schmitt trigger waveshaping, so
you should be able to connect directly to these pins
provided that the two devices share the same power
supply (VDD), and that they are not physically more
than about 10 to 20 inches apart (CMOS circuits are
subject to latch-up from induced currents, which may
be a problem if you have long leads).
The normal (idle) levels of the ELM327 transmit
and receive pins are at the VDD (logic high) level. Most
microprocessors and RS232 interface ICs expect that
to be the idle level, but you should verify it for your
microprocessor before connecting to the ELM327. The
connections are straightforward - transmit connects to
receive, and receive connects to transmit, as shown
below. Don’t forget to set both devices to the same
baud rate.
The ELM327 also provides a hand-shaking feature
that may simplify the flow of data for you. The interface
consists of two pins - an input an an output. The input
is called ‘request to send’ (RTS), and it is used to
interrupt the ELM327, just the same as tapping a key
on the keyboard when using a terminal program. The
output pin (‘Busy’) is used by the ELM327 to tell your
system that it is processing data.
To use the handshaking feature, set one of your
port pins to normally provide a high output, and
connect it to the RTS input (pin 15). Use another port
pin as an input to monitor the ELM327 Busy output
(pin 16). When you want to send a command, simply
check the Busy output first. If it is at a high logic level,
then either wait for it to go low, or if you need to
interrupt the IC, then bring the RTS line low and wait
for the Busy line to go low. (You might want to
consider using an edge triggered interrupt on the Busy
output, if one is available). When Busy does go low,
restore your RTS line to a high level, and then send
your command to the ELM327. No need to worry
about the ELM327 becoming busy again after you
raise the RTS line at this point – once Busy goes low,
the ELM327 will wait (indefinitely) for your command. If
you do not use the RTS input on the ELM327, it must
be connected to a high logic level, as shown. Note that
the default setting for PP 0E turns these hand-shaking
Microprocessor Interfaces
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
+5V
X1
4.00MHz
C4
27pF
R27-30
470
Ω
+5V
C3
27pF
+5V
+5V
to
R15
to
R21
n.c.
+5V
327
L1-L4
your microprocessor
Tx
Rx
Tx
Rx
The ELM327 and your
microprocessor should
use the same 5V supply
Busy RTS
77 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com