Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 70 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 70 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 66Page - ELM Electronics ELM327LP Datasheet HTML 67Page - ELM Electronics ELM327LP Datasheet HTML 68Page - ELM Electronics ELM327LP Datasheet HTML 69Page - ELM Electronics ELM327LP Datasheet HTML 70Page - ELM Electronics ELM327LP Datasheet HTML 71Page - ELM Electronics ELM327LP Datasheet HTML 72Page - ELM Electronics ELM327LP Datasheet HTML 73Page - ELM Electronics ELM327LP Datasheet HTML 74Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
ELM327L
70 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Programmable Parameters (continued)
rate, or the Carriage Return character, for example,
and forget what you have set them to. The Carriage
Return value that is set by PP 0D is the only character
that is recognized by the ELM327 as ending a
command, so if you change its value, you may not be
able to undo your change. In this case, your only
recourse may be to force all of the PPs off with a
special hardware trick.
When the ELM327 first powers up, it looks for a
jumper between pin 28 (the OBD Tx LED output) and
circuit common (VSS). If a jumper is in place, it will turn
off all of the PPs for you, restoring the IC to the factory
default settings. To use this feature, simply connect a
jumper to circuit common (which appears in numerous
places - pins 8 or 19 of the ELM327, pin 5 of an
RS232 connector, one end of most capacitors, or at
the OBD connector), then hold the other end of the
jumper to pin 28 while turning the power on. When you
see the RS232 Rx LED begin to flash quickly, remove
the jumper – the flashing LED means that it worked
and the PPs are all off.
This feature should only be used when you get
into serious trouble, and it’s your only choice (since
putting a jumper into a live circuit might cause damage
if you put it into the wrong place). Be careful if you
need to use it.
0A
Linefeed Character
0A
R
00 to FF
Programmable Parameter Summary
The following pages provide a list of the currently
available Programmable Parameters. The character
shown in the ‘Type’ column indicates when changes
will take effect. Possible values are:
I - the effect is Immediate,
D - takes effect after Defaults are restored
(AT D, AT Z, AT WS, MCLR or power off/on)
R - takes effect after a Reset
(AT Z, AT WS, MCLR or power off/on)
P - needs a Power off/on type reset
(AT Z, MCLR, or power off/on)
01
Printing of header bytes (AT H default setting)
D
02
Allow long messages (AT AL default setting)
D
03
NO DATA timeout time (AT ST default setting)
setting = value x 4.096 msec
00 to FF
32
(205 msec)
D
00
Perform an AT MA command after powerup or reset
FF
(OFF)
R
00 = ON
FF = OFF
FF
(OFF)
FF
(OFF)
00 = ON
FF = OFF
00 = ON
FF = OFF
PP
Description
Values
Default
Type
06
OBD Source (Tester) Address. Not used for J1939 protocols.
F1
R
00 to FF
00 to 02
01
D
04
Default Adaptive Timing mode (AT AT setting)
07
I
Last Protocol to try during automatic searches
09
01 to 0C
09
Character echo (AT E default setting)
R
00
(ON)
00 = ON
FF = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com