Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 66 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 66 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 62Page - ELM Electronics ELM327LP Datasheet HTML 63Page - ELM Electronics ELM327LP Datasheet HTML 64Page - ELM Electronics ELM327LP Datasheet HTML 65Page - ELM Electronics ELM327LP Datasheet HTML 66Page - ELM Electronics ELM327LP Datasheet HTML 67Page - ELM Electronics ELM327LP Datasheet HTML 68Page - ELM Electronics ELM327LP Datasheet HTML 69Page - ELM Electronics ELM327LP Datasheet HTML 70Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
66 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327L
to cause the ELM327 to shift to Low Power operation,
if there is no OBD activity for some time. If you follow
the logic path, you will see that b7 and b5 of PP 0F
must both be ‘1’, as well as b7 of PP 0E in order to
allow this switch to occur. The default time that it
allows before switching is set by b4, unless you have
set a value with the AT AMT command. Setting the
Activity Monitor Timeout to 00 blocks all the Activity
Monitor outputs.
The final way to enter the low power mode is by a
low level appearing at the ignition monitor input
(pin 15), with both b2 and b7 of PP 0E set to ‘1’.
The ignition monitor logic inserts a short internal
delay (‘debounce’) to be sure that the low level seen is
a legitimate ‘key off’ and not just some noise. After it is
sure, the ELM327 will then send a low power alert
message (‘LP ALERT’), and 2 seconds later it will
switch to Low Power operation, just the same as was
Figure 6. Enabling the Low Power Mode
Power Control (continued)
OBD
inputs
AT LP
command
b4
b7
b5
1 min
remaining
print
LP ALERT
b7
Go to
Low Power
65 msec
debounce
IgnMon
(pin 15)
voltage
is low
RS232 Rx
(pin 18)
input is
quiet
all are
quiet
sent a
message
not
monitoring
b0*
flash OBD
Tx LED
activity
monitor
timer
≥
setting?
AMT
≠ 00
b3*
print
ACT ALERT
b7
b5*
1 sec
delay
2 sec
delay
b3
print
ACT ALERT
1 sec
delay
RS232
detector
not
monitoring
b7
b2
voltage
monitor
Notes
PP 0F bits are shown with an asterisk (*).
All other bits are for PP 0E.
represents an AND gate
represents an OR gate
5 min or 20 min
timer
(read with
AT AMC)
timer
Timeout setting
AMT value, if set
else
150 sec if b4*= 1
30 sec if b4*= 0
yes
b7*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com