Electronic Components Datasheet Search
  English  ▼

X  

ELM327LP Datasheet(PDF) 82 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 82 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 78Page - ELM Electronics ELM327LP Datasheet HTML 79Page - ELM Electronics ELM327LP Datasheet HTML 80Page - ELM Electronics ELM327LP Datasheet HTML 81Page - ELM Electronics ELM327LP Datasheet HTML 82Page - ELM Electronics ELM327LP Datasheet HTML 83Page - ELM Electronics ELM327LP Datasheet HTML 84Page - ELM Electronics ELM327LP Datasheet HTML 85Page - ELM Electronics ELM327LP Datasheet HTML 86Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Resistors (1/8W or greater, except as noted)
R22, R23 = 100
Ω
R3, R5, R27, R28, R29, R30, R31 = 470
Ω
R17, R19 = 510
Ω 1/2W
R2, R4, R16, R18 = 2.2 K
Ω
R1, R7, R14, R15, R24, R32 = 4.7 K
Ω
R6, R9, R11, R13, R26 = 10 K
Ω
R10, R8 = 22 K
Ω
R21 = 33K
Ω
R12, R20, R25 = 47 K
Ω
Capacitors (16V or greater, except as noted)
C3, C4 = 27pF
C7, C8 = 560pF 50V
C1 = 0.1uF 50V
C2, C5, C6 = 0.1uF
C9 = 10uF
Semiconductors
D1 = 1N4001
D2, D3, D4 = 1N4148
L1, L2, L3, L4 = Yellow LED
L5 = Green LED
Q1, Q3, Q5, Q6, Q7 = 2N3904 (NPN)
Q2, Q4 = 2N3906 (PNP)
U1 = ELM327L
U2 = MCP2551 or MCP2561
U3 = 7805 regulator (5V 1A)
U4 = 317L adjustable regulator (100 mA)
U5 = FTDI DBP-USB-D5-F usb module
Misc
X1 = 4.000MHz crystal
DB9M connector for OBD cable?
IC Socket = 28 pin 0.3" wide (or 2 x 14pin)
Figure 10. Parts List for Figure 9
Example Applications (continued)
you will need to add a jumper or two on the unused
inputs. See the ‘Unused Pins’ section for advice on
what to connect the pins to.
Some people still prefer to interface their circuits
with standard RS232 circuitry. For these, we offer the
sub-circuits of Figures 11 and 12.
Figure 11 shows a discrete RS232 interface, that
may be connected directly to the ELM327. This circuit
uses a resistor, diode, and capacitor between the two
RS232 signal lines to ‘steal’ power from the host
computer. In this way, the required RS232 negative
voltage is obtained without adding a complicated
power supply to the ELM327 circuit. The RS232
connections shown are for a standard 9 pin connector.
If you are using a 25 pin one, you will need to
compensate for the differences. This circuit works well
at baud rates of 57600 bps or less, but begins to show
some errors at rates of 115200 bps and above.
The circuit of Figure 12 offers another RS232
solution that works well at higher baud rates. It uses a
Maxim product (the MAX3222E) that is capable of
operating at up to a 250 kbps rate (be sure to visit
www.maximintegrated.com for more information).
The
MAX3222E
RS232
transceiver
contains
ELM327L
82 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Figure 11. A Low Speed
RS232 Interface (
≤ 57.6 kbps)
2 (RxD)
RS232
Interface
(DB9F)
+5V
+5V
3 (TxD)
5 (SG)
1 (DCD)
4 (DTR)
6 (DSR)
7 (RTS)
8 (CTS)
4.7K
Ω
10K
Ω
10K
Ω
0.1µF
4.7K
Ω
10K
Ω
+5V
15
16
17
18
19
327
2N3904
2N3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com