Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2505 Datasheet HTML 1Page - Microchip Technology MIC2505 Datasheet HTML 2Page - Microchip Technology MIC2505 Datasheet HTML 3Page - Microchip Technology MIC2505 Datasheet HTML 4Page - Microchip Technology MIC2505 Datasheet HTML 5Page - Microchip Technology MIC2505 Datasheet HTML 6Page - Microchip Technology MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 3
MIC2505/6
Functional Block Diagrams
MIC2505 Series Block Diagram
MIC2506 Block Diagram
1.2V
REFERENCE
THERMAL
SHUTDOWN
OSC.
CHARGE
PUMP
OUT
UVLO
GATE
CONTROL
IN
OPEN LOAD
DETECT
FLG
CTL
CURRENT
LIMIT
GATE
GND
Not Included in
MIC2505-1, -2
MIC2505/2505-1/2505-2
1.2V
REFERENCE
THERMAL
SHUTDOWN
CHARGE
PUMP
OUT B
UVLO
GATE
CONTROL
IN
OPEN LOAD
DETECT
CTL A
GATE
CONTROL
OUT A
OPEN LOAD
DETECT
FLG B
CHARGE
PUMP
CTL B
OSC.
FLG A
CURRENT
LIMIT
CURRENT
LIMIT
GND
MIC2506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com