Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 10Page - Microchip Technology MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology MIC2505 Datasheet HTML 14Page - Microchip Technology MIC2505 Datasheet HTML 15Page - Microchip Technology MIC2505 Datasheet HTML 16Page - Microchip Technology MIC2505 Datasheet HTML 17Page - Microchip Technology MIC2505 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC2505/6
DS20005579A-page 14
 2016 Microchip Technology Inc.
6.0
APPLICATION INFORMATION
6.1
Supply Filtering
A 0.1 μF to 1 μF bypass capacitor from IN to GND,
located at the device is strongly recommended to
control supply transients. Without a bypass capacitor,
an output short may cause sufficient ringing on the
input (from supply lead inductance) to destroy the
internal control circuitry.
Input transients must not exceed the absolute
maximum supply voltage (VIN(MAX) = 7.5V) even for a
short duration.
FIGURE 6-1:
Supply Bypassing.
The bypass capacitor may be omitted only if board
design precautions are followed, such as using
extremely short supply leads or power and ground
planes.
6.2
Control Input
CTL must be driven logic high or logic low, or be pulled
high or low for a clearly defined input. Floating the input
may cause unpredictable operation. Add a diode clamp
if negative spikes may occur. See Figure 6-2.
6.3
Open-Load Detection
Refer
to
the
Typical
Application
Schematics.
Open-load detection is available only on the MIC2505
and MIC2506. For USB power distribution applications,
the open-load detection feature is not included in the
MIC2505-1 or -2 versions.
The optional open-load detection resistor supplies a
small pull-up current to the load when the output switch
is off. A 100 kΩ resistor will draw 50 μA from a 5V
supply. Normally, the load dominates, pulling OUT low.
If the load is absent, the optional resistor pulls OUT
high, activating the fault flag if CTL is off.
When a load is switched off with CTL, capacitance on
the output may cause the open-load function to pull the
flag low until the capacitor is discharged below
approximately 2.4V.
Omit the pull-up resistor when open load detection is
not required and for minimum off-state supply current.
6.4
Power Bus Switch
The MIC2505/6 family features a MOSFET reverse
current flow prevention circuit. This prevents current
from flowing backwards (from OUT to IN) when CTL is
disabled as long as VIN is above UVLO minimum. In
Figure 6-2, when U1 is on and U2 is off, this feature
prevents current flow from the load (5V) backward
through U2 to the 3.3V supply. If a discrete MOSFET
and driver were used, the MOSFET’s internal body
diode would short the 5V load to the 3.3V supply.
FLG will be active (low) on any switch that is off
whenever the load voltage is greater than the open
load
threshold
(approximately
1V)
except
for
MIC2505-1 and MIC2505-2.
FIGURE 6-2:
5V/3.3V Switch Concept.
This circuit’s function would otherwise require a dual
driver, two MOSFETs, plus two diodes (or a dual driver
plus four MOSFETs).
6.5
Hot Plug-In Applications
(Soft-Start)
The MIC2505/6 family can be used to protect the
socket-side and card-side of a supply circuit from
transients caused when a capacitive load is connected
to an active supply.
The switch presents a high impedance when off, and
slowly becomes a low impedance as it turns on. This
reduces the inrush current and related voltage drop
that result from charging a capacitive load.
FIGURE 6-3:
Hot Pulg-In Concept.
ON
OFF
MIC2505YM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
8
1
7
2
6
3
5
4
0.1μF to 1μF
3.0V to 7.5V
Logic-High = 5V Output
Logic-Low = 3.3V Output
U1
MIC2505YM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
+5V
8
1
7
2
6
3
5
4
0.1μF
U2
MIC2505YM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
8
1
7
2
6
3
5
4
+3.3V
0.1μF
1N4148
(optional)
MIC2505YM
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
8
1
7
2
6
3
5
4
0.1μF
Capacitive
Load
3.3V
Power Control
Circuitry
GND
Card
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com