Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2505 Datasheet HTML 1Page - Microchip Technology MIC2505 Datasheet HTML 2Page - Microchip Technology MIC2505 Datasheet HTML 3Page - Microchip Technology MIC2505 Datasheet HTML 4Page - Microchip Technology MIC2505 Datasheet HTML 5Page - Microchip Technology MIC2505 Datasheet HTML 6Page - Microchip Technology MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 5
MIC2505/6
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = +5V, GATE = open, TA = 25°C, bold values are valid for –40°C ≤ TA ≤ +85°C,
unless noted. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
IDD
—0.75
5
µA
MIC2505-1, MIC2506, VCTL =
logic 0, OUT = open.
—110
160
µA
MIC2505-1, MIC2506, VCTL =
logic 1, OUT = open.
—110
160
µA
MIC2505-2, VCTL = logic 0,
OUT = open.
—0.75
5
µA
MIC2505-2, VCTL = logic 1,
OUT = open.
Control Input Voltage
VCTL
—2.1
2.4
V
VCTL = logic 0 to logic 1
transition
0.8
1.9
—
V
VCTL = logic 1 to logic 0
transition
Control Input Current
ICTL
—0.01
1
µA
VCTL = logic 0
—0.01
1
µA
VCTL = logic 1
Control Input Capacitance
CCTL
—1—
pF
—
Output MOSFET Resistance
RDS(ON)
—30
50
mΩ
MIC2505 Series, VIN = 5V,
TA = 25°C.
——
60
mΩ
MIC2505 Series, VIN = 5V,
–40°C < TA < +85°C.
—35
60
mΩ
MIC2505 Series, VIN = 3.3V,
TA = 25°C.
——
75
mΩ
MIC2505 Series, VIN = 3.3V,
–40°C < TA < +85°C.
—75
125
mΩ
MIC2506, VIN = 5V,
TA = 25°C.
——
150
mΩ
MIC2506, VIN = 5V,
–40°C < TA < +85°C.
—80
135
mΩ
MIC2506, VIN = 3.3V,
TA = 25°C.
——
165
mΩ
MIC2506, VIN = 3.3V,
–40°C < TA < +85°C.
Output Turn-On Delay
tON
200
850
2000
µs
MIC2505 Series, RL = 10Ω,
CGATE = 0.
100
700
2000
µs
MIC2506, RL = 10Ω each
output.
Output Turn-On Rise Time
tR
500
3000
7500
µs
MIC2505 Series, RL = 10Ω,
CGATE = 0.
200
2000
6000
µs
MIC2506, RL = 10Ω each
output.
Note 1:
Devices are ESD protected; however, handling precautions recommended. All limits guaranteed by testing
or statistical analysis.
2:
MIC2505-1 and -2 versions have no open load detect feature.
3:
Open load threshold is the output voltage (VOUT) where FLG becomes active (low) when CTL is low. OUT
is pulled high by a 100 kΩ external resistor to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com