Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology MIC2505 Datasheet HTML 10Page - Microchip Technology MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology MIC2505 Datasheet HTML 14Page - Microchip Technology MIC2505 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 11
MIC2505/6
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
PIN FUNCTION TABLE
Pin Number
MIC2505 Series
Pin Number
MIC2506
Pin Name
Description
1
1, 4
CTL (A/B) Control (Input): TTL-compatible control input. MIC2505,
MIC2505-1, and MIC2506 are active-high. MIC2505-2 is active-low.
2
2, 3
FLG (A/B) Fault Flag (Output): Active-low, open-drain output. If CTL is low,
indicates open load. If CTL is high, indicates current limit, thermal
shutdown, or UVLO.
MIC2505-1 and -2 do not support open-load detect.
3
6
GND
Ground: Return.
4
—
GATE
Output MOSFET Gate: Open for fastest rise time. Connect
capacitor to ground to slow rise time. (See Figure 2-13)
5, 7
7
IN
Supply Input: Output MOSFET drain. Also supplies IC’s internal
circuitry. Connect to supply.
MIC2505 series only: Pins 5 and 7 must be externally connected
together.
6, 8
8, 5
OUT (A/B) Switch Output: Output MOSFET source. Typically connect to
switched side of load. Output voltage can be pulled above input
voltage in off mode.
MIC2505 series only: Pins 6 and 8 must be externally connected
together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com