Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 6Page - Microchip Technology MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology MIC2505 Datasheet HTML 10Page - Microchip Technology MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology MIC2505 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC2505/6
DS20005579A-page 10
 2016 Microchip Technology Inc.
FIGURE 2-13:
MIC2505 Turn-On Delay
with External Gate Capacitance.
3.0
TEST CIRCUITS
FIGURE 3-1:
MIC2505 Series Test Circuit.
FIGURE 3-2:
MIC2506 Test Circuit.
0
200
400
600
800
1000
0
50
100
150
200
250
CAPACITANCE (nF)
MIC2505/-1/-2
CTL
OUT
FLG
GND
OUT
GATE
IN
IN
+5V
1μF
10
Ω
VFLG
10k
Ω
MIC2506YM
CTL A OUT A
FLG A
GND
CTL B OUT B
IN
FLG B
B ON
B OFF
A ON
A OFF
+5V
1μF
10
Ω
10
Ω
10k
Ω
VFLG A
VFLG B
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com