Electronic Components Datasheet Search
  English  ▼

X  

MIC2505 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology MIC2505 Datasheet HTML 14Page - Microchip Technology MIC2505 Datasheet HTML 15Page - Microchip Technology MIC2505 Datasheet HTML 16Page - Microchip Technology MIC2505 Datasheet HTML 17Page - Microchip Technology MIC2505 Datasheet HTML 18Page - Microchip Technology MIC2505 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 15
MIC2505/6
A gate capacitor may be added to the MIC2505 to slow
the turn on time even more, reducing the inrush
current. See Figure 2-13. The UVLO feature ensures
that each time the card is removed and VIN = 0 that the
gate of the output switch is discharged to zero volts. A
controlled turn-on is executed each time a board is
plugged in, even with multiple insertions.
6.6
USB Application
Figure 6-4
depicts
a
low
cost
and
robust
implementation of a four-port, self-powered USB hub
circuit employing ganged overcurrent protection.
FIGURE 6-4:
Ganged-Switch Self-Powered Hub.
ON/OFF
OVERCURRENT
MIC2505-2/-1
3.3V USB Controller
VBUS
D+
D–
GND
VBUS
D+
D–
GND
100k
MIC5203-3.3
MIC5207-3.3
LDO Regulator
IN
OUT
GND
33μF
Ferrite
Bead
VBUS
D+
D–
GND
D+
D–
V+
EN
OUT
FLG
IN
GND
OUT
GATE
IN
Bold lines indicate
0.1" wide, 1-oz. copper
high-current traces.
Downstream
USB
Port 1
500mA max.
33μF
VBUS
D+
D–
GND
Data
VBUS
D+
D–
GND
33μF
33μF
0.01μF
0.01μF
0.01μF
0.01μF
4.7
μF
1.0
μF
GND
0.1μF
4.45V to 5.25V
3.5A max.
(+)
(–)
33μF
Downstream
USB
Port 2
500mA max.
Downstream
USB
Port 3
500mA max.
Downstream
USB
Port 4
500mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com