Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 18Page - Microchip Technology LAN89530 Datasheet HTML 19Page - Microchip Technology LAN89530 Datasheet HTML 20Page - Microchip Technology LAN89530 Datasheet HTML 21Page - Microchip Technology LAN89530 Datasheet HTML 22Page - Microchip Technology LAN89530 Datasheet HTML 23Page - Microchip Technology LAN89530 Datasheet HTML 24Page - Microchip Technology LAN89530 Datasheet HTML 25Page - Microchip Technology LAN89530 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 218 page
background image
LAN89530
DS60001347A-page 22
 2012-2015 Microchip Technology Inc.
TABLE 2-5:
USB PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
USB DMINUS
USBDM
AIO
Note:
The functionality of this pin may be
swapped to USB DPLUS via the
PORT_SWAP configuration strap.
1USB
DPLUS
USBDP
AIO
Note:
The functionality of this pin may be
swapped to USB DMINUS via the
PORT_SWAP configuration strap.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS_5V
(PD)
Detects state of upstream bus power.
For bus powered applications, this pin must be
tied to VDD33IO.
For self powered applications where the device is
permanently attached to a host, VBUS_DET
should be pulled to VDD33IO. For other self pow-
ered applications, refer to the device reference
schematic for additional connection information.
Note:
This pin may be used to signal bus
power availability when PME Mode of
operation is in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
1
External USB
Bias Resistor
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an exter-
nal 12.0 kΩ 1.0% resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com