| Electronic Components Datasheet Search |
|
LAN89530 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89530 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 218 page ![]() LAN89530 DS60001347A-page 14 2012-2015 Microchip Technology Inc. 1 Management Clock (Internal PHY Mode) MDC IS/O8 (PU) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Management Clock (External PHY Mode) MDC O8 (PD) In External PHY Mode, this pin outputs the man- agement clock to the external PHY. General Pur- pose I/O 2 (Internal PHY Mode Only) GPIO2 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. 1Transmit Data 3 (Internal PHY Mode) TXD3 IS/O8 (PU) In Internal PHY Mode, this pin can be configured to display the respective internal MII signal. Refer to the Internal MII Visibility Enable (IME) bit of the Hardware Configuration Register (HW_CFG) on page 125 for additional information. Transmit Data 3 (External PHY Mode) TXD3 O8 (PU) In External PHY Mode, this pin functions as the transmit data 3 output to the external PHY. General Pur- pose I/O 7 (Internal PHY Mode Only) GPIO7 IS/O8/ OD8 (PU) This General Purpose I/O pin is fully programma- ble as either a push-pull output, an open-drain output or a Schmitt-triggered input. Note: GPIO7 may provide additional external PHY Link Up related functionality. Refer to Section 4.12.2.4, "Enabling External PHY Link Up Wake Events" for additional information. TABLE 2-1: MII INTERFACE PINS (CONTINUED) Num Pins Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |