Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 5 Page - Microchip Technology

  LAN89530 Datasheet HTML 1Page - Microchip Technology LAN89530 Datasheet HTML 2Page - Microchip Technology LAN89530 Datasheet HTML 3Page - Microchip Technology LAN89530 Datasheet HTML 4Page - Microchip Technology LAN89530 Datasheet HTML 5Page - Microchip Technology LAN89530 Datasheet HTML 6Page - Microchip Technology LAN89530 Datasheet HTML 7Page - Microchip Technology LAN89530 Datasheet HTML 8Page - Microchip Technology LAN89530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 5
LAN89530
1.0
INTRODUCTION
1.1
General Terms
Byte
8 bits
CSR
Control and Status Registers
DWORD
32 bits
FCT
FIFO Controller
FIFO
First In First Out buffer
Frame
In the context of this document, a frame refers to transfers on the Ethernet
interface.
FSM
Finite State Machine
GPIO
General Purpose I/O
Host
External system (includes processor, application software, etc.)
Level-Triggered Sticky Bit
This type of status bit is set whenever the condition that it represents is
asserted. The bit remains set until the condition is no longer true and the sta-
tus bit is cleared by writing a zero.
LFSR
Linear Feedback Shift Register
MAC
Media Access Controller
MII
Media Independent Interface
N/A
Not Applicable
Packet
In the context of this document, a packet refers to transfers on the USB inter-
face.
POR
Power on Reset
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved
bits must always be zero for write operations. Unless otherwise noted, values
are not ensured when reading reserved bits. Unless otherwise noted, do not
read or write to reserved addresses.
SCSR
System Control and Status Register
SMI
Serial Management Interface
TLI
Transaction Layer Interface
URX
USB Bulk-Out Packet Receiver
UTX
USB Bulk-In Packet Transmitter
WORD
16 bits
ZLP
Zero Length USB Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com