Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 1 Page - Microchip Technology

  LAN89530 Datasheet HTML 1Page - Microchip Technology LAN89530 Datasheet HTML 2Page - Microchip Technology LAN89530 Datasheet HTML 3Page - Microchip Technology LAN89530 Datasheet HTML 4Page - Microchip Technology LAN89530 Datasheet HTML 5Page - Microchip Technology LAN89530 Datasheet HTML 6Page - Microchip Technology LAN89530 Datasheet HTML 7Page - Microchip Technology LAN89530 Datasheet HTML 8Page - Microchip Technology LAN89530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 1
Highlights
• Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet
Controller
• Integrated 10/100 Ethernet MAC with Full-Duplex
Support
• Integrated 10/100 Ethernet PHY with HP Auto-
MDIX Support
• Integrated USB 2.0 Hi-Speed Device Controller
• Integrated USB 2.0 Hi-Speed PHY
• Implements Reduced Power Operating Modes
Target Applications
• Diagnostic Interface
(for Dealership Service Bay)
• Fast Software Download Interface
(e.g., OBD Connector)
• Gateway Service Interface
(Dealership, Aftermarket Repair Shop)
• In-vehicle Engineering Development Interface
• Vehicle Manufacturing Test Interface
(Production Plant Assembly Line)
• Legislated Inspections
(Emissions Check, Safety Inspections)
Key Features
• USB Device Controller
- Fully compliant with Hi-Speed Universal Serial
Bus Specification, revision 2.0
- Supports HS (480 Mbps) and FS (12 Mbps)
modes
- Four Endpoints supported
- Supports vendor specific commands
- Integrated USB 2.0 PHY
- Remote wakeup supported
• High-Performance 10/100 Ethernet Controller
- Fully compliant with IEEE 802.3/802.3u
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and half-duplex support
- Full- and half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and checking
- Automatic payload padding and pad removal
- Loop-back modes
- TCP/UDP/IP/ICMP checksum offload support
- Flexible address filtering modes
- One 48-bit perfect address
- 64 hash-filtered multicast addresses
- Pass all multicast
- Promiscuous mode
- Inverse filtering
- Pass all incoming with status report
- Wakeup packet support
- Integrated Ethernet PHY
- Auto-negotiation
- Automatic polarity detection and correction
- HP Auto-MDIX support
- Link status change wake-up detection
- Support for three status LEDs
- External MII supports HomePNA® and Home-
Plug® PHY
• Power and I/Os
- Various low power modes
- NetDetach feature increases battery life
- Supports PCI-like PME wake when USB host dis-
abled
-11 GPIOs
- Supports bus-powered and self-powered opera-
tion
- Integrated power-on reset circuit
- Single external 3.3 V I/O supply
- Optional internal core regulator
• Miscellaneous Features
- EEPROM controller
- Supports custom operation without EEPROM
- IEEE 1149.1 (JTAG) boundary scan
- Requires single 25 MHz crystal
• Software
- Windows® 8/7/XP/Vista driver
- Linux® driver
- Win CE driver
-MAC® OS driver
- EEPROM utility
• Packaging
- 56-pin VQFN (8 x 8 mm), RoHS-compliant
• Environmental
- -40°C to +85°C temperature range
LAN89530
USB 2.0 to 10/100 Ethernet Controller for Automotive
Applications


Similar Part No. - LAN89530

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN89218 MICROCHIP-LAN89218 Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89218AQ-B MICROCHIP-LAN89218AQ-B Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89218AQR-B MICROCHIP-LAN89218AQR-B Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
Implements Reduced Power Operating Modes
07/14/15
More results

Similar Description - LAN89530

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com