Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 37Page - Microchip Technology LAN89530 Datasheet HTML 38Page - Microchip Technology LAN89530 Datasheet HTML 39Page - Microchip Technology LAN89530 Datasheet HTML 40Page - Microchip Technology LAN89530 Datasheet HTML 41Page - Microchip Technology LAN89530 Datasheet HTML 42Page - Microchip Technology LAN89530 Datasheet HTML 43Page - Microchip Technology LAN89530 Datasheet HTML 44Page - Microchip Technology LAN89530 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 41
LAN89530
4.3.1.7
Statistics
The CTL tracks the statistics listed in Table 4-14. The statistics are read via the Get Statistics Vendor Command.
Error conditions are indicated via the RX Status Word, Table 4-40, or the TX Status Word, Table 4-44.
Note:
The counters are snapshot when fulfilling the command request. The statistics counters rollover.
TABLE 4-14:
STATISTIC COUNTERS
Name
Description
Size
(Bits)
RX Good Frames
Number of good RX frames received. Includes frames dropped by the
FCT.
32
RX CRC Errors
Number of RX frames received with CRC-32 errors.
A CRC error is indicated when the CRC error flag is set and the dribbling
bit flag is not set.
20
RX Runt Frame Errors
Number of RX frames received with a length of less than 64 bytes and a
CRC error.
20
RX Alignment Errors
Number of RX frames received with alignment errors.
An alignment error is indicated by the presence of the CRC error flag
and the dribbling bit flag is set.
20
RX Frame Too Long Error
Number of RX frames received with a length greater than the pro-
grammed maximum Ethernet frame size.
20
RX Later Collision Error
Number of RX frames received where a late collision has occurred.
20
RX Bad Frames
Total number of errored Ethernet frames received. This counter does not
include RX FIFO Dropped Frames.
20
RX FIFO Dropped Frames
Number of RX frames dropped by the FCT due to insufficient room in the
RX FIFO.
If an RX FIFO Dropped Frame has an Ethernet error, i.e., CRC error, it
must only be counted by the RX FIFO Dropped Frames counters.
20
TX Good Frames
Number of successfully transmitted TX frames.
Does not count pause frames.
32
TX Pause Frames
Number of successfully transmitted pause frames.
20
TX Single Collisions
Number of successfully transmitted frames with one collision.
20
TX Multiple Collisions
Number of successfully transmitted frames with more than one collision.
20
TX Excessive Collision Errors
Number of transmitted frames aborted due to excessive collisions.
20
TX Late Collision Errors
Number of transmitted frames aborted due to late collisions.
20
TX Buffer Underrun Errors
Number of transmitted frames aborted due to Tx buffer under run.
20
TX Excessive Deferral Errors
Number of transmitted frames aborted due to excessive deferrals.
20
TX Carrier Errors
Number of frames transmitted in which the carrier signal was lost or in
which the carrier signal was not present.
20
TX Bad Frames
Total number of errored Ethernet frames transmitted.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com