Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 92Page - Microchip Technology LAN89530 Datasheet HTML 93Page - Microchip Technology LAN89530 Datasheet HTML 94Page - Microchip Technology LAN89530 Datasheet HTML 95Page - Microchip Technology LAN89530 Datasheet HTML 96Page - Microchip Technology LAN89530 Datasheet HTML 97Page - Microchip Technology LAN89530 Datasheet HTML 98Page - Microchip Technology LAN89530 Datasheet HTML 99Page - Microchip Technology LAN89530 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 218 page
background image
LAN89530
DS60001347A-page 96
 2012-2015 Microchip Technology Inc.
13h
00
Configuration String Descriptor Word Offset (don’t care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (don’t care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
27
Hi-Speed Device Descriptor Word Offset (27h);
corresponds to EEPROM Byte Offset 4Eh
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
30
Hi-Speed Configuration and Interface Descriptor Word Offset (30h);
corresponds to EEPROM Byte Offset 60h
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
39
Full-Speed Device Descriptor Word Offset (39h);
corresponds to EEPROM Byte Offset 72h
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18 bytes)
1Dh
42
Full-Speed Configuration and Interface Descriptor Word Offset (42h);
corresponds to EEPROM Byte Offset 84h
1Eh
00
GPIO7:0 Wake Enables - GPIO7:0 not used for wakeup signaling
1Fh
04
GPIO10:8 Wake Enables - GPIO10 used for wakeup signaling
20h
8A
GPIO PME Flags - PME Signaling Enabled via Low Level, Push-Pull
Driver, GPIO10 Active High Detection.
21h
00
PAD BYTE - Used to align following descriptor on Word boundary
22h
0A
Size of Manufacturer ID String Descriptor (10 bytes)
23h
03
Descriptor Type (String Descriptor - 03h)
24h - 2Bh
53 00 4D 00 53 00 43 00
Manufacturer ID String (“SMSC” in UNICODE)
2Ch
12
Size of Product Name String Descriptor (18 bytes)
2Dh
03
Descriptor Type (String Descriptor - 03h)
2Eh - 3Dh
4C 00 41 00 4E 00 38 00
39 00 35 00 33 00 30 00
Product Name String (“LAN89530” in UNICODE)
3Eh
10
Size of Serial Number String Descriptor (16 bytes)
3Fh
03
Descriptor Type (String Descriptor - 03h)
40h - 4Dh
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
4Eh
12
Size of Hi-Speed Device Descriptor in bytes (18 bytes)
4Fh
01
Descriptor Type (Device Descriptor - 01h)
50h - 51h
00 02
USB Specification Number that the device complies with (0200h)
52h
FF
Class Code
53h
00
Subclass Code
54h
FF
Protocol Code
55h
40
Maximum Packet Size for Endpoint 0
56h - 57h
24 04
Vendor ID (0424h)
58h - 59h
08 9E
Product ID (9E08h)
5Ah - 5Bh
00 01
Device Release Number (0100h)
5Ch
01
Index of Manufacturer String Descriptor
5Dh
02
Index of Product String Descriptor
5Eh
03
Index of Serial Number String Descriptor
5Fh
01
Number of possible configurations
TABLE 4-62:
EEPROM EXAMPLE - 256 BYTE EEPROM (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com