Electronic Components Datasheet Search
  English  ▼

X  

LAN89530 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 97Page - Microchip Technology LAN89530 Datasheet HTML 98Page - Microchip Technology LAN89530 Datasheet HTML 99Page - Microchip Technology LAN89530 Datasheet HTML 100Page - Microchip Technology LAN89530 Datasheet HTML 101Page - Microchip Technology LAN89530 Datasheet HTML 102Page - Microchip Technology LAN89530 Datasheet HTML 103Page - Microchip Technology LAN89530 Datasheet HTML 104Page - Microchip Technology LAN89530 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 101
LAN89530
4.8.4
ENABLE DESCRIPTOR RAM AND FLAG ATTRIBUTE REGISTERS AS SOURCE
The EEPROM Emulation Enable (EEM) bit of the Hardware Configuration Register (HW_CFG) must be configured by
the software device driver to use the Descriptor RAM and the Attributes registers for custom operation. Upon assertion
of EEPROM Emulation Enable (EEM), the hardware will utilize the descriptor information contained in the Descriptor
RAM, the Attributes registers, and the values of the items listed in Section 4.8.1 to facilitate custom operation.
4.8.5
INHIBIT RESET OF SELECT SCSR ELEMENTS
The software device driver must take care to ensure that the contents of the Descriptor RAM and SCSR register content
critical to custom operation using Descriptor RAM are preserved across reset operations other than POR. The driver
must configure the Reset Protection (RST_PROTECT) bit of the Hardware Configuration Register (HW_CFG) in order
to accomplish this.
The following registers have contents that can be preserved across all resets other than POR. Consult the register’s
description for additional details.
• Descriptor RAM
• Attributes registers
• MAC Address High Register (ADDRH) and MAC Address Low Register (ADDRL)
• Hardware Configuration Register (HW_CFG)
• LED General Purpose IO Configuration Register (LED_GPIO_CFG)
• General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE)
4.9
Device Clocking
The device requires a fixed-frequency 25 MHz clock source. This is typically provided by attaching a 25 MHz crystal to
the XI and XO pins. The clock can optionally be provided by driving the XI input pin with a single-ended 25 MHz clock
source. If a single-ended source is selected, the clock input must run continuously for normal device operation.
Internally, the device generates its required clocks with a phase-locked loop (PLL). It reduces its power consumption in
several of its operating states by disabling its internal PLL and derivative clocks. The 25 MHz clock remains operational
in all states where power is applied.
4.10
Device Power Sources
The device may be soft powered by the USB bus or self powered via external power supplies. The following external
3.3 V power supplies are required when power is not being furnished by the USB bus:
• VDD33IO, VDD33A
The device includes an internal 1.2 V regulator which provides power to the internal core logic. This regulator may be
optionally disabled if an external 1.2 V power source is available. The internal core regulator is controlled via the
CORE_REG_EN pin. When disabled, +1.2 V must be supplied to the device by an external source. Refer to Chapter
3.0 for information on proper power connections when enabling or disabling the internal core regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com