Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  WS1111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
WS1111
4 x 4 Power Amplifier Module
for CDMA/AMPS (824 – 849 MHz)
Data Sheet
Description
The WS1111 is a CDMA (Code Division Multiple
Access) and AMPS (advance mobile phone service)
Power Amplifier (PA), designed for handsets operat-
ing in the 824~849 MHz bandwidth.
The WS1111 features CoolPAM circuit technology that
offers state-of-the-art reliability, temperature stabil-
ity and ruggedness.
Digital mode control of CoolPAM reduces current
consumption, which enables extended talk time of
mobile devices.
The WS1111 meets stringent CDMA linearity require-
ments to and beyond 28 dBm output power. The 4 mm
x 4 mm form factor 10-pin surface mount package is
self contained, incorporating 50ohm input and out-
put matching networks.
Features
• Good linearity
• High efficiency:
41% at Pout = 28 dBm
18% at Pout = 16 dBm
• 10-pin surface mounting package
(4 mm x 4 mm x 1.4 mm)
• Internal 50
Ω matching networks for
both RF input and output
• CDMA 95A/B, CDMA2000-1X/EVDO
Applications
• Digital Cellular (CDMA)
• Analog Cellular (AMPS)
Functional Block Diagram
Input
Match
Output
Match
DA
PA
Vcont(2)
Vcc2(6)
Vcc1(5)
Vref(1)
RF Input (4)
RF Output (8)
MMIC
MODULE
Inter
Stage
Match
Bias Circuit & Control Logic
Ordering Information
Part Number
No. of Devices
Container
WS1111
2500
13" Tape and Reel


Similar Part No. - WS1111

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS11-2000-INC24V-L01 ASM-SENSOR-WS11-2000-INC24V-L01 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS11-2000-INC5V-L01 ASM-SENSOR-WS11-2000-INC5V-L01 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS11-2000-SSI-L01 ASM-SENSOR-WS11-2000-SSI-L01 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS11-5000-INC24V-L01 ASM-SENSOR-WS11-5000-INC24V-L01 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS1111

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2140 ISC-2SA2140 Datasheet
101Kb / 2P
Good Linearity of hFE
2SC3181 ISC-2SC3181 Datasheet
210Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB996 ISC-2SB996 Datasheet
107Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3856-P ISC-2SC3856-P Datasheet
587Kb / 3P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
logo
Harris Corporation
UM-1286 HARRIS-UM-1286 Datasheet
1Mb / 2P
good modulation linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com