Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  WS1111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Table 4-1. Electrical Characteristics for CDMA Mode (Vcc=3.4V, Vref=2.85V, T = 25
°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain
Gain_hi
Pout=28.0 dBm
26
28
dB
Gain_low
Pout=16.0 dBm
17
20
dB
Power Added Efficiency
PAE_hi
Pout=28.0 dBm
35
41
%
PAE_low
Pout=16.0 dBm
14
18
%
Total Supply Current
Icc_hi
Pout=28.0 dBm
455
mA
Icc_low
Pout=16.0 dBm
65
mA
Quiescent Current
Iq_hi
High Power Mode
100
130
mA
Iq_low
Low Power Mode
22
35
mA
Reference Current
Iref_hi
Pout=28.0 dBm
4
10
mA
Control Current
Icont
Pout=16.0 dBm
0.5
1
mA
Total Current in Power-down mode
Ipd
Vref=0V
0.5
5
µA
ACPR in High power mode
0.9 MHz offset
ACPR1_hi
Pout=28.0 dBm
-50
-45
dBc
1.98 MHz offset
ACPR2_hi
Pout=28.0 dBm
-62
-57
dBc
ACPR in Low power mode
0.9 MHz offset
ACPR1_low
Pout=16.0 dBm
-58
-45
dBc
1.98 MHz offset
ACPR2_low
Pout=16.0 dBm
-64
-57
dBc
Harmonic Suppression
Second
2f0
Pout=28.0 dBm
-33
-30
dBc
Third
3f0
Pout=28.0 dBm
-55
-40
dBc
Input VSWR
VSWR
2:1
2.5:1
VSWR
Stability (Spurious Output)
S
VSWR 8:1, All phase
-60
dBc
Noise Figure
NF
6.8
10
dB
Noise Power in RX Band
RxBN
Pout
≤28.0 dBm
-138
-135
dBm/Hz
Ruggedness
Ru
Pin<4.0 dBm
10:1
VSWR
Switching Time High
DC
TswhighDC
1.5
5
µs
RF
TswhighRF
35
60
µs
Switching Time Low
DC
TswlowDC
1.5
5
µs
RF
TswlowRF
35
60
µs
Turn On Time
DC
TonDC
5
15
µs
RF
TonRF
45
80
µs
Turn Off Time
DC
ToffDC
5
15
µs
RF
ToffRF
45
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com