Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Figure 22. Tape and Reel Format – 4 mm x 4 mm.
Tape and Reel Information
8.00±0.10
P1
0.30±0.05
T
4.00±0.10
P0
12.00±0.30
W
1.60±0.10
D1
5.50±0.05
F
1.55±0.05
D0
1.75±0.10
E
1.70±0.10
K0
40.00±0.20
P10
4.40±0.10
B0
2.00±0.05
P2
4.40±0.10
A0
Millimeter
Annote
Millimeter
Annote
Dimension List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com