Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  WS1111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Table 1. Absolute Maximum Ratings[1]
Parameter
Symbol
Min.
Nominal
Max.
Unit
RF Input Power
Pin
––
10.0
dBm
DC Supply Voltage
Vcc
–
3.4
6.0
V
DC Reference Voltage
Vref
–
2.85
3.3
V
DC Control Voltage
V
cont
–
285
3.3
V
Storage Temperature
T
stg
-55
–
+125
°C
Table 2. Recommended Operating Conditions
Parameter
Symbol
Min.
Nominal
Max.
Unit
DC Supply Voltage
V
cc
3.2
3.4
4.2
V
DC Reference Voltage
Vref
2.80
2.85
2.90
V
Mode Control Voltage
– High Bias Mode
Vcont
–
0
–
V
– Low Bias Mode
V
cont
–
2.85
–
V
Operating Frequency
F
o
824
–
849
MHz
Case Operating Temperature
To
-30
25
85
°C
Table 3. Power Range Truth Table
Power Mode
Symbol
Vref
Vcont[2]
Range
High Power Mode
PR2
2.85
Low
~ 28 dBm
Low Power Mode
PR1
2.85
High
~ 16 dBm
Shut Down Mode
–
0.00
Low
–
Notes:
1. No damage assuming only one parameter is set at limit at a time with all other parameters set at
or below nominal value.
2. High (2.0V – 3.0V), Low (0.0V – 0.5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com