Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  WS1111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Table 4-2. Electrical Characteristics for AMPS Mode (Vcc= 3.4V, Vref=2.85V, T = 25
°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain
Ga
Pout=31 dBm
25
27.5
dB
Power Added Efficiency
PAEa
Pout=31 dBm
45
55
%
Total Supply Current
Icca
Pout=31 dBm
670
mA
Quiescent Current
Iqa
High Power Mode
100
130
mA
Reference Current
Irefa
Pout=31 dBm
5.5
10
mA
Harmonic Suppression
Second
2fo
Pout=31.0 dBm
-33
-30
dBc
Third
3fo
Pout=31.0 dBm
-50
-30
dBc
Input VSWR
VSWR
2:1
2.5:1
VSWR
Stability (Spurious Output)
S
VSWR 8:1, All phase
-60
dBc
Noise Figure
NF
6.8
10
dB
Noise Power in RX Band
RxBN
Pout=31 dBm
-138
-135
dBm/Hz
Ruggedness
Ru
Pin<4 dBm
10:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com