Electronic Components Datasheet Search
  English  ▼

X  

WS1111 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1111
Description  Good linearity
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1111 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  WS1111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Characterization Data - CDMA (Vcc=3.4V, Vref=2.85V, T=25
°C, Fo=837MHz)
Figure 1. Total Current vs. Output Power.
Figure 2. Gain vs. Output Power.
Figure 3. Power Added Efficiency vs. Output Power.
Figure 5. Adjacent Channel Power 2 vs. Output Power.
Figure 6. Harmonic Suppression vs. Output Power.
Figure 4. Adjacent Channel Power 1 vs.
Output Power.
0
100
200
300
400
500
-8
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)
16
18
20
22
24
26
28
30
32
-8
-4
0
4
8
121620
242832
Pout (dBm)
0
10
20
30
40
50
60
-8
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-8
-4
0
4
8
12
16
20
24
28
32
Pout (dBm)
-80
-75
-70
-65
-60
-55
-50
-8
-4
0
4
8
1216
2024
2832
Pout (dBm)
-70
-60
-50
-40
-30
-20
-10
0
-10
-6
-2
2
6
10
14
18
22
26
30
Pout (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com