Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 6 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
35
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
APPLICABLE SPECIFICATIONS
• CECC40000 / 40400 / 40401-004,-006,-007,-802
• EN140400 / IEC 60115 – 1
• EIA-575
TEST
CONDITIONS OF TEST
REQUIREMENTS IN % 1)
0402
0805
1218
0201
0603
1206
2010
1210
2512
Endurance Test at 70
°C
1000 hours at 70
°C 1.5 hours "ON" 0.5 hours "OFF"
≤ ± 1.0
≤ ± 0.5 ≤ ± 1.0 ≤ ± 3.0
IEC 60115-1 4.25.1; EIA-575
Endurance at UCT
1000 hours at 125
°C without load
≤ ± 1.0
≤ ± 0.5 ≤ ± 1.0 ≤ ± 2.0
IEC 60115-1 4.25.3
Overload Test
Short time overload, 2.5 x rated voltage or 2 x limiting element
≤ ± 0.25 ≤ ± 0.25 ≤ ± 0.5 ≤ ± 1.0
IEC 60115-1 4.13; EIA-575
voltage.
Thermal Shock
Rapid change between upper and lower category temperature
≤ ± 0.25 ≤ ± 0.25 ≤ ± 0.5 ≤ ± 0.5
IEC 60115-1 4.19; IEC 60068-2-14;
EIA-575
Damp Heat Steady State
56 days at 40
°C and 93% relative humidity
≤ ± 1.0
≤ ± 0.5 ≤ ± 1.0 < ± 2.0
IEC 60115-1 4.24; IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
≤ ± 0.25 ≤ ± 0.25 ≤ ± 0.5 ≤ ± 1.0
IEC 60115-1 4.18; IEC 600 68-2-20;
EIA-575
PERFORMANCE
Thick Film, Rectangular, Chip Resistors
10-6
10-5
10-4
10-3
10-2
10-1
1
10
Square Pulse in ti s.
Pulse Rating P
0
10-6
10-5
10-4
10-3
10-2
10-1
1
10
Square Pulse in ti s.
Pulse Rating P
≤ P
70
1) Limits for change of resistance at test acc. to CECC
0.01
0.1
1
10
100
1000
1206
2010
1218
2512
0805
0603
0402
Secondary Conditions:
a) P
≤P (peak pulse, single pulse
b)
υ
u< 70°
c) Û see diagram (max pulse voltage)
1218
1206
0805
0603
0402
0.01
0.10
1
10
100
10-6
10-5
10-4
10-3
10-2
10-1
1
10
Square Pulse in ti s.
Maximum Pulse Voltage
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
2512
2010
1206/1218
0805
0603
0402
Secondary Conditions:
a) P
≤P (permissible constant power
@ + 70
°C)
b)
υ
u< 70°
c) Û see diagram (max pulse voltage)
Secondary Conditions:
a) P see diagrams (Pulse Rating)
b)
υ
u< 70°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com