Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 4 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
33
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
Thick Film, Rectangular, Chip Resistors
D10 - CRCW0402
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
60
40
20
0
-20
-40
-60
-80
1
5
10
50
100
500 1000
Frequency f in MHz
HF - Performance
D10 - CRCW0402
10
Ω
1 K
Ω
4.7 K
Ω
12 K
Ω
D11 - CRCW0603
1
Ω
4.7
Ω
10
Ω
47
Ω
100
Ω
470
Ω
1 K
Ω
4.7 K
Ω
10 K
Ω
D12 - CRCW0805
47
Ω
100
Ω
470
Ω
1
Ω
4.7
Ω
10
Ω
47
Ω
100
Ω
470
Ω
1 K
Ω
10 K
Ω
4.7 K
Ω
10
Ω
1 K
Ω
4.7 K
Ω
100
Ω
470
Ω
12 K
Ω
D11 - CRCW0603
1
Ω
4.7 K
Ω
10
Ω
100
Ω
470
Ω
1 K
Ω
4.7 K
Ω
10 K
Ω
D12 - CRCW0805
1
Ω
4.7 K
Ω
10
Ω
4.7 K
Ω
47
Ω
1 K
Ω
10 K
Ω
D25 - CRCW1206
1
Ω
4.7 K
Ω
10
Ω
47
Ω
470
Ω
4.7 K
Ω
10 K
Ω
1
5
10
50
100
500 1000
60
40
20
0
-20
-40
-60
-80
D12 - CRCW0805
1
Ω
4.7
Ω
10
Ω
47
Ω
100
Ω
470
Ω
1 K
Ω
10 K
Ω
4.7 K
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com