Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 1 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
30
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
FEATURES
• Metal glaze on high quality ceramic
• Protective overglaze
• Solder contacts on Ni barrier layer
• Excellent stability in different environmental conditions
• High volume product suitable for commercial and special
applications
Thick Film, Rectangular Chip Resistors
1) 100ppm/K on request
• Ask about further value ranges
• For low values see Thick Film rectangular low value resistors
• For high values see Thick Film rectangular high values.
• Marking and packaging: see appropriate catalog or web pages
• For precision Thick Film CRCW see Thick Film rectangular
Precision Resistors
• Power rating depends on the max. temperature at the solder
point, the component placement density and the substrate material
• AgPd or Pd terminations for conductive adhesive attachment on request
STANDARD ELECTRICAL SPECIFICATIONS
W
VOLTAGE
MAX
INCH METRIC CECC 40401-802/EIA-575
V
ppm/K
%
Ω
CRCW0201 0201 0525
0.05
30
200
5
10R– 1M0
24
Zero-Ohm-Resistor : R max = 20mΩ I max = 1A
D10
2001)
1
1R0 – 9R76
24 + 96
CRCW0402 0402 1005
0.063
50
100
1
10R – 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 1A
D11
2001)
1
1R0 – 9R76
24 + 96
CRCW0603 0603 1608
0.10
75
100
1
10R – 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 1.5A
D12
2001)
1
1R0 – 9R76
24 + 96
CRCW0805 0805 2012
0.125
150
100
1
10R - 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 2A
D25
2001)
1
1R0 – 9R76
24 + 96
CRCW1206 1206 3216
0.25
200
100
1
10R – 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 2.5A
2001)
1
1R0 – 9R76
24 + 96
CRCW1210 1210 3225
0.33
200
100
1
10R – 1M0
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 2.5A
2001)
1
1R0 – 9R76
24 + 96
CRCW1218 1218 3246
1.0
200
100
1
10R – 2M2
24 + 96
200
5
1R0 – 2M2
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 4A
2001)
1
1R0 – 9R76
24 + 96
CRCW2010 2010 5025
0.5
400
100
1
10R – 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 3A
2001)
1
1R0 – 9R76
24 + 96
CRCW2512 2512 6332
1.0
500
100
1
10R – 10M
24 + 96
200
5
1R0 – 10M
24
Zero-Ohm-Resistor : R max = 20mΩ
I max = 4A
MODEL
SIZE
POWER RATING
LIMITING
TEMPERATURE TOLERANCE RESISTANCE
E-SERIES
P70°C
ELEMENT
COEFFICIENT
RANGE


Similar Part No. - DCRCW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
132Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
DCRCW-IFE3 VISHAY-DCRCW-IFE3 Datasheet
145Kb / 10P
Pulse Proof Thick Film Chip Resistors
04-Jul-2022
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
04-Jul-2022
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
DCRCWE3 VISHAY-DCRCWE3 Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
More results

Similar Description - DCRCW

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
Thick film rectangular resistors
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
Thick film rectangular resistors
logo
Vishay Siliconix
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
Thick Film, Rectangular Chip Resistors
25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
Thick Film, Rectangular Chip Resistors
25-Mar-07
RCA VISHAY-RCA Datasheet
99Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
Thick Film, Rectangular, Precision Resistors
18-Oct-02
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
Automotive Grade Thick Film, Rectangular Chip Resistors
14-Feb-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com