Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 2 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
31
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
Thick Film, Rectangular, Chip Resistors
SIZE
SOLDER PAD DIMENSIONS [in millimeters]
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
a
b
l
a
b
l
0201
0525
0.28
0.43
0.23
0402
1005
0.4
0.6
0.5
0603
1608
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
1.0
3.2
5.2
1.2
3.2
5.2
SIZE
DIMENSIONS [in millimeters]
INCH METRIC
L
W
H
T1
T2
0201
0525
0.6
± 0.05 0.3 ± 0.05 0.23 ± 0.05 0.15 ± 0.05 0.15 ± 0.05
0402
1005
1.0
±0,05 0.5 ±0.05 0.35 ±0.05 0.25 ±0.05 0.2.±0.1
0603
1608
1.55
0.85
±0.1 0.45 ±0.05 0.3 ±0.2 0.3.±0.2
0805
2012
2.0
1.25
±0.15 0.45 ±0.05 0.3
0.3.
±0.2
1206
3216
3.2
1.6
±0.15 0.55 ±0.05 0.45 ±0.2 0.4.±0.2
1210
3225
3.2
±0.2
2.5
±0.2 0.55 ±0.05 0.45 ±0.2 0.4.±0.2
1218
3246
3.2
4.6
±0.15 0.55 ±0.05 0.45 ±0.2 0.4.±0.2
2010
5025
5.0
±0.15 2.5 ±0.15 0.6 ±0.05 0.6 ±0.2 0.6.±0.2
2512
6332
6.3
±0.2 3.15 ±0.15 0.6 ±0.05 0.6 ±0.2 0.6.±0.2
+ 0.10
– 0.05
+ 0.20
– 0.10
+ 0.20
– 0.10
+ 0.10
– 0.20
+ 0.10
– 0.20
DIMENSIONS
1) Measuring conditions in acc. to CECC 40401
2) Rated voltage:
PxR
3) Depending on solder pad dimensions
ORDERING INFORMATION
D-SERIES
D11
100
562R
1%
PN
MODEL
TC
RESISTANCE VALUE
TOLERANCE
PACKAGING
ppm / K
Ω± %
Papertape 20000 pcs
F =
± 1%, J = ± 5%
CRCW-SERIES
CRCW
0603
5620
F
100
RT6
MODEL
SIZE
RESISTANCE VALUE
TOLERANCE
TC*
PACKAGING
Ω± %
50ppm
Papertape 20000 pcs
± 1% = 3 sig. digits, plus multiplier
100ppm
± 5% = 2 sig. digits, plus multiplier
200ppm
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT CRCW0201
D10
D11
D12
D25
CRCW1210 CRCW1218 CRCW2010 CRCW2512
CRCW0402 CRCW0603 CRCW0805 CRCW1206
Rated Dissipation at 70
°C
W
0.05
0.063
0.10
0.125
0.25
0.33
1.0
0.5
1.0
(CECC 40401 | EIA 575)
Limiting Element Voltage 2)
V
30
50
75
150
200
200
200
400
500
Insulation Voltage (1 min)
Vpeak
50
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Thermal Resistance
K/W
≤ 8701)
≤ 5501)
≤ 4401)
≤ 2201)
≤ 1403)
3)
≤ 883)
≤ 653)
Insulation Resistance
Ω
> 10 9
Category Temperature Range
°C
- 55 / + 125 (+ 155)
Failure Rate
h–1
1.10- 9
0.3 • 10–9
Weight / 1000pcs
g
0.17
0.65
2
5.5
10
16
29.5
25.5
40.5
Example: 49R9F = 49.9
Ω, ± 1%
5R1J = 5.1
Ω, ± 5%
3011F = 3.01K
Ω, ± 1%
000Z = 0
Ω Jumper
*NOTE: Entering a TC value in this
field is optional. If no TC is specified
by the Customer, the default TC will be
highest listed for Tolerance specified.
D =
± 0.5%
F =
±1%
J =
± 5%,
Z = 0
Ω Jumper



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com