Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 5 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
34
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
D25
- CRCW1206
≤ 10K
≤ 1
M
≤ 10
M
140
120
100
80
60
40
20
0
ϑü = f [ϑs]
Parameter:
ϑu
20
40
60
80
100
120 140 160 180
Load in W
0.01
0.1
1
20
40
60
80
100
120
140
160
180
Film temperature
ϑ
s in°C
0.01
0.1
1
10
1
0.1
0.01
Resistance change
∆ R/R %
∆ R/R (t) = f [∆R/R (t = 1000h)]
Parameter : time
0.5
0.4
0.3
0.2
0.1
0
ϑ
ü = f [P]
Parameter : size
140
120
100
80
60
40
20
0
Film temperature
ϑs in°C
Stability nomogram typical values (for handling see general explanations)
ϑ ü
=
20
°C
40
°C
60
°C
80
°C
100
°C
120
°C
140
°C
t =
100
000h
10
000h
5000h
2000h
1000h
∆ R/R [t = 1000 h] = f [ϑs]
Parameter: resistance value
0.25W
0.125W
0.0625W
120
100
80
60
40
20
1
2
3
5
7
10
2
3
5 7
100
2
3
5
7
60
80
100
120
140
surface temperature
ϑs [°C]
number of mounted resistors [pcs]
Power rating as a function of packaging density (guideline)
ϑu =
120
°C
ϑu =
100
°C
ϑu =
80
°C
ϑu =
60
°C
ϑu =
40
°C
ϑu =
20
°C
Thick Film, Rectangular, Chip Resistors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com