Electronic Components Datasheet Search
  English  ▼

X  

DCRCW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DCRCW
Description  Thick Film, Rectangular Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCW Datasheet(HTML) 3 Page - Vishay Siliconix

  DCRCW Datasheet HTML 1Page - Vishay Siliconix DCRCW Datasheet HTML 2Page - Vishay Siliconix DCRCW Datasheet HTML 3Page - Vishay Siliconix DCRCW Datasheet HTML 4Page - Vishay Siliconix DCRCW Datasheet HTML 5Page - Vishay Siliconix DCRCW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2bresistors@vishay.com
www.vishay.com
32
D...-CRCW
Vishay
Document Number 20008
Revision 28-Apr-03
1) On request,
2) European / N.American packaging codes
na = NOT AVAILABLE • Further information about packaging: see appropriate catalog or
web page.
MODEL
TAPE WIDTH
DIAMETER
PIECES / REEL PITCH
PAPER2)
BLISTER2)
PIECES1)
CODE2)
D10
8mm
180mm / 7"
10000
2mm
P0 / RT7
CRCW0402
Papertape
330mm / 13"
50000
2mm
PZ / RF4
50000
MZ / B27
D11
8mm
180mm / 7"
5000
4mm
P5 / RT1
B5/na
CRCW0603
Paper-/
255mm / 10"
10000
4mm
P0 / RT5
25000
MU / B27
Blistertape
330mm / 13"
20000
4mm
PN / RT6
BN/na
D12
8mm
180mm / 7"
5000
4mm
P5 / RT1
B5/na
CRCW0805
Paper-/
255mm / 10"
10000
4mm
P0 / RT5
10000
MO / B27
Blistertape
330mm / 13"
20000
4mm
PN / RT6
BN/na
D25
8mm
180mm / 7"
5000
4mm
P5 / RT1
B5/na
CRCW1206
Paper-/
255mm / 10"
10000
4mm
P0 / RT5
Blistertape
330mm / 13"
20000
4mm
PN / RT6
BN/na
8mm
180mm / 7"
5000
4mm
P5 / RT1
B5/na
CRCW1210
Paper-/Blistertape
330mm / 13"
20000
4mm
PN / RT6
BN/na
12mm
180mm / 7"
4000
4mm
B4 / RT9
CRCW1218
Blistertape
12mm
180mm / 7"
4000
4mm
B4 / R02
CRCW2010
Blistertape
12mm
180mm / 7"
2000
8mm
B2 / R67
CRCW2512
Blistertape
4000
4mm
B4 / R82
PACKAGING
Thick Film, Rectangular, Chip Resistors
110
100
90
80
70
60
50
40
30
20
10
100
1K
10K
100K
1M
10M
Non-Linearity
Resistance Value in
Ω
1206
0805
0603
0402
100
1K
10K
100K
1M
10M
Current Noise
Resistance Value in
Ω
0603
0805
1206
0402
Derating
120
100
80
60
40
20
0
- 55
-25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
70
Temperature Rise
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
Power in W
0402
1206
0805
0603
100
10
1
0.1
EIA*
CECC*
1210
2010
2512
*There are differences in board layout and measurements between CECC and EIA.
REEL
BULK
PACKAGING CODE
BULK FEEDING MAGAZINE
PIECES/MAGAZINE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com