Electronic Components Datasheet Search
  English  ▼

X  

DS1992 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1992
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1992 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1992 Datasheet HTML 1Page - Dallas Semiconductor DS1992 Datasheet HTML 2Page - Dallas Semiconductor DS1992 Datasheet HTML 3Page - Dallas Semiconductor DS1992 Datasheet HTML 4Page - Dallas Semiconductor DS1992 Datasheet HTML 5Page - Dallas Semiconductor DS1992 Datasheet HTML 6Page - Dallas Semiconductor DS1992 Datasheet HTML 7Page - Dallas Semiconductor DS1992 Datasheet HTML 8Page - Dallas Semiconductor DS1992 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
021604
SPECIAL FEATURES
§ 4096 bits of Read/Write Nonvolatile
Memory (DS1993)
§ 1024 bits of Read/Write Nonvolatile
Memory (DS1992)
§ 256-bit Scratchpad Ensures Integrity of Data
Transfer
§ Memory Partitioned into 256-bit Pages for
Packetizing Data
§ Data Integrity Assured with Strict
Read/Write Protocols
§ Operating Temperature Range from -40°C to
+70°C
§ Over 10 years of data retention
COMMON iButton FEATURES
§ Unique, Factory-Lasered and Tested 64-bit
Registration Number (8-bit Family Code +
48-bit Serial Number + 8-bit CRC Tester)
Assures Absolute Traceability Because No
Two Parts are Alike
§ Multidrop Controller for MicroLAN
§ Digital Identification and Information by
Momentary Contact
§ Chip-Based Data Carrier Compactly Stores
Information
§ Data Can be Accessed While Affixed to
Object
§ Economically Communicates to Bus Master
with a Single Digital Signal at 16.3kbps
§ Standard 16mm Diameter and 1-Wire
®
Protocol Ensure Compatibility with iButton®
Family
§ Button Shape is Self-Aligning with Cup-
Shaped Probes
§ Durable Stainless Steel Case Engraved with
Registration Number Withstands Harsh
Environments
§ Easily Affixed with Self-Stick Adhesive
Backing, Latched by its Flange, or Locked
with a Ring Pressed onto its Rim
§ Presence Detector Acknowledges When
Reader First Applies Voltage
§ Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations
F5 MICROCAN
IO
GND
0.36
0.51
5.89
© 1993
YYWW REGISTERED RR
DD
06
000000FBD804
16.25
17.35
All dimensions shown in millimeters.
ORDERING INFORMATION
DS1992L-F5
F5 MicroCan
DS1993L-F5
F5 MicroCan
EXAMPLES OF ACCESSORIES
DS9096P Self-Stick Adhesive Pad
DS9101 Multipurpose Clip
DS9093RA Mounting Lock Ring
DS9093F Snap-In Fob
DS9092 iButton Probe
DS1992/DS1993
1kb/4kb Memory iButton
www.iButton.com
1-Wire and iButton are registered trademarks of Dallas Semiconductor.


Similar Part No. - DS1992

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1992 MAXIM-DS1992 Datasheet
326Kb / 17P
1Kb/4Kb Memory iButton짰
REV: 101408
DS1992 MAXIM-DS1992 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
DS1992L-F5 MAXIM-DS1992L-F5 Datasheet
326Kb / 17P
1Kb/4Kb Memory iButton짰
REV: 101408
DS1992L-F5+ MAXIM-DS1992L-F5+ Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
More results

Similar Description - DS1992

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
4kb Plus Time Memory iButton
DS9094 DALLAS-DS9094 Datasheet
59Kb / 1P
iButtonTM Clip
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
64kbit Memory iButtonTM
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
Dual Port Memory Plus Time
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
4Kbit Wireless Memory Inlay
logo
Dallas Semiconductor
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
iButtonTM Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com