Electronic Components Datasheet Search
  English  ▼

X  

DS1992 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1992
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1992 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1992 Datasheet HTML 6Page - Dallas Semiconductor DS1992 Datasheet HTML 7Page - Dallas Semiconductor DS1992 Datasheet HTML 8Page - Dallas Semiconductor DS1992 Datasheet HTML 9Page - Dallas Semiconductor DS1992 Datasheet HTML 10Page - Dallas Semiconductor DS1992 Datasheet HTML 11Page - Dallas Semiconductor DS1992 Datasheet HTML 12Page - Dallas Semiconductor DS1992 Datasheet HTML 13Page - Dallas Semiconductor DS1992 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS1992/DS1993
10of 10
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances the
DS199_ is a slave device. The bus master is typically a microcontroller or PC. For small configurations
the 1-Wire communication signals can be generated under software control using a single port pin. For
multisensor networks, the DS2480B 1-Wire line driver chip or serial port adapters based on this chip
(DS9097U series) are recommended. This simplifies the hardware design and frees the microprocessor
from responding in real-time.
The discussion of this bus system is broken down into three topics: hardware configuration, transaction
sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in
terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from
the bus master. For a more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton
Standards.
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-wire bus must have open-
drain or three-state outputs. The 1-Wire port of the DS199_ is open drain with an internal circuit
equivalent to that shown in Figure 8. A multidrop bus consists of a 1-Wire bus with multiple slaves
attached. The 1-Wire bus has a maximum data rate of 16.3kbps and requires a pullup resistor of
approximately 5k
W. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be
suspended, the bus must be left in the idle state if the transaction is to resume. If this does not occur and
the bus is left low for more than 120
ms, one or more of the devices on the bus may be reset.
Figure 8. HARDWARE CONFIGURATION
Open Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
100
W
MOSFET
VPUP
RX
TX
TX
RX
DATA
RPU
5 µA
Typ.
BUS MASTER
DS199X 1-Wire PORT
TRANSACTION SEQUENCE
The protocol for accessing the DS199_ through the 1-Wire port is as follows:
§ Initialization
§ ROM Function Command
§ Memory Function Command
§ Transaction/Data
INITIALIZATION
All transactions on the 1-wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com