Electronic Components Datasheet Search
  English  ▼

X  

DS1992 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1992
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1992 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1992 Datasheet HTML 9Page - Dallas Semiconductor DS1992 Datasheet HTML 10Page - Dallas Semiconductor DS1992 Datasheet HTML 11Page - Dallas Semiconductor DS1992 Datasheet HTML 12Page - Dallas Semiconductor DS1992 Datasheet HTML 13Page - Dallas Semiconductor DS1992 Datasheet HTML 14Page - Dallas Semiconductor DS1992 Datasheet HTML 15Page - Dallas Semiconductor DS1992 Datasheet HTML 16Page - Dallas Semiconductor DS1992 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DS1992/DS1993
16of 16
PHYSICAL SPECIFICATIONS
Size
See mechanical drawing
Weight
3.3 grams (F5 package)
Expected Service Life
10 years at +25
°C
Safety
Meets UL#913 (4th Edit.); Intrinsically Safe Apparatus,
Approved under Entity Concept for use in Class I,
Division 1, Group A, B, C and D Locations
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature Range
-40
°C to +70°C
Storage Temperature Range
-40
°C to +70°C
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 6.0V; -40°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Logic 1 (Notes 1, 2)
VIH
2.2
V
Logic 0 (Note 1)
VIL
-0.3
+0.8
V
Output Logic Low at 4mA
(Note 1)
VOL
0.4
V
Output Logic High (Notes 1,
3)
VOH
VPUP
V
Input Load Current (Note 4)
IL
5
mA
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
I/O (1-Wire) (Notes 5, 6)
CIN/OUT
100
800
pF
AC ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 6.0V; -40°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
60
120
ms
Write 1 Low Time
tLOW1
115
ms
Write 0 Low Time
tLOW0
60
120
ms
Read Data Valid
tRDV
exactly 15
ms
Release Time
tRELEASE
015
45
ms
Read Data Setup (Note 7)
tSU
1
ms
Recovery Time
tREC
1
ms
Reset Time High (Note 8)
tRSTH
480
ms
Reset Time Low (Note 9)
tRSTL
480
960
ms
Presence Detect High
tPDH
15
60
ms
Presence Detect Low
tPDL
60
240
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com