Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products MAX115 Datasheet HTML 11Page - Maxim Integrated Products MAX115 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
8
_______________________________________________________________________________________
The conversion timing and control sequences are
derived from either an internal clock or an external
clock, the CONVST signal, and the programmed mode.
The T/H amplifiers hold the input voltages at the
CONVST rising edge. Additional CONVST pulses are
ignored until the last conversion for the sample is com-
plete. An on-board sequencer converts one to four
channels per CONVST pulse. In the default mode, one
T/H output (CH1A) is converted. An interrupt signal
(INT) is provided after the last conversion is complete.
Convert two to four channels by reprogramming the
MAX115/MAX116 through the bidirectional parallel
interface. Once programmed, the MAX115/MAX116
continues to convert the specified number of channels
per CONVST pulse until they are reprogrammed. The
channels are converted sequentially, beginning with
CH1. The INT signal always follows the end of the last
conversion in a conversion sequence. The ADC con-
verts each assigned channel in 2µs and stores the
result in an internal 4 x 12-bit memory.
At the end of the last conversion, INT goes low and the
T/H amplifiers begin to track the inputs again. The data
can be accessed by applying successive pulses to the
RD pin. Successive reads access data words sequen-
tially. The memory is not random-access and data from
CH1 is always read first. After performing four consecu-
tive reads or initiating a new conversion, the address
pointer selects CH1 again. Additional read pulses cycle
through the data words. CS can be held low during
successive reads.
Input Bandwidth
The T/H’s input tracking circuitry has a 10MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high-
frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Analog Input Range and Input Protection
The MAX115’s input range is ±5V, and the MAX116’s
input range is ±2.5V. The input resistance for the
MAX115 is 10k
Ω (typ), and the input resistance for the
MAX116 is 1M
Ω (typ). An input protection structure
allows input voltages to ±17V without harming the IC.
This protection is also active in shutdown mode.
S1A
S2A
HOLD
BUFFER
TRACK
CHOLD
7pF
HOLD
FROM MICROSEQUENCER
REFOUT
TRACK
MUX
DAC
SAR
S1B
S2B
S3B
S3A
CIN
R3
R2
R1
CIN
R3
R2
R1
CH_A
CH_B
MAX115
MAX116
MAX115: R1 =
∞, R2 = R3 = 5kΩ
MAX116: R1 = R2 = 5k
Ω, R3 = ∞
Figure 3. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com