Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products MAX115 Datasheet HTML 11Page - Maxim Integrated Products MAX115 Datasheet HTML 12Page - Maxim Integrated Products MAX115 Datasheet HTML 13Page - Maxim Integrated Products MAX115 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2001 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
________________________________________________________Package Information
Bypass AVDD and AVSS with 0.1µF ceramic capacitors
to AGND. Mount them with short leads close to the
device. Ferrite beads may also be used to further iso-
late the analog and digital power supplies. Bypass
DVDD with a 0.1µF ceramic capacitor to DGND.
Chip Information
TRANSISTOR COUNT: 4116
SUBSTRATE CONNECTED TO AVSS
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com