Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX115 Datasheet HTML 1Page - Maxim Integrated Products MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
________________General Description
The MAX115/MAX116 are high-speed, multichannel,
12-bit data-acquisition systems (DAS) with simultane-
ous track/holds (T/Hs). These devices contain a 12-bit,
2µs, successive-approximation analog-to-digital con-
verter (ADC), a +2.5V reference, a buffered reference
input, and a bank of four simultaneous-sampling T/H
amplifiers that preserve the relative phase information
of the sampled inputs. The MAX115/MAX116 have two
multiplexed inputs for each T/H, allowing a total of eight
inputs. In addition, the converter is overvoltage tolerant
to ±17V. A fault condition on any channel will not dam-
age the IC. Available input ranges are ±5V (MAX115)
and ±2.5V (MAX116).
The parallel interface’s data access and bus release
timing specifications are compatible with most popular
digital signal processors and 16-bit/32-bit microproces-
sors. The MAX115/MAX116 conversion results can be
accessed without resorting to wait-states.
________________________Applications
Multiphase Motor Control
Power-Grid Synchronization
Power-Factor Monitoring
Digital Signal Processing
Vibration and Waveform Analysis
____________________________Features
o Four Simultaneous-Sampling T/H Amplifiers with
Two Multiplexed Inputs (Eight Single-Ended
Inputs Total)
o 2µs Conversion Time per Channel
o Throughput: 390ksps (1 Channel)
218ksps (2 Channels)
152ksps (3 Channels)
116ksps (4 Channels)
o Input Range: ± 5V (MAX115)
± 2.5V (MAX116)
o Fault-Protected Input Multiplexer (±17V)
o Internal +2.5V or External Reference Operation
o Programmable On-Board Sequencer
o High-Speed Parallel DSP Interface
o Internal 10MHz Clock
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
________________________________________________________________ Maxim Integrated Products
1
19-1928; Rev 0; 1/01
PART
MAX115CAX
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
36 SSOP
EVALUATION
KIT
AVAILABLE
Ordering Information
MAX115EAX
-40°C to +85°C
36 SSOP
MAX116CAX
0°C to +70°C
36 SSOP
MAX116EAX
-40°C to +85°C
36 SSOP
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AGND
CH3B
CH3A
CH4B
CH4A
AVSS
A1
INT
CONVST
RD
WR
CS
CLK
A0
D6
D7
D8
D9
D10
D11 (MSB)
AGND
REFOUT
REFIN
AVDD
CH1A
CH1B
CH2A
CH2B
SSOP
TOP VIEW
MAX115
MAX116
22
21
20
19
15
16
17
18
D3
D0/A2 (LSB)
D1/A3
D2
DGND
DVDD
D4
D5
Pin Configuration
Typical Operating Circuit
A0
A1
D0/A2
D1/A3
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
CH1A
CH1B
CH2A
CH2B
CH3A
CH3B
CH4A
CH4B
MAX115
MAX116
CONVST
CONTROL INTERFACE
CLK
REFOUT
DGND
AGND
REFIN
DVDD
4.7
µF
16MHz
0.1
µF
0.1
µF
-5V
0.1
µF
+5V
0.1
µF
+5V
AVSS
AVDD
INT
CS
RD
WR


Similar Part No. - MAX115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT+ MAXIM-MAX11500EVKIT+ Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
More results

Similar Description - MAX115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
logo
Linear Technology
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com