Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX115 Datasheet HTML 1Page - Maxim Integrated Products MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
_______________________________________________________________________________________
5
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TIMING CHARACTERISTICS (continued)
(See Figure 4, AVDD = +5V, AVSS = -5V, DVDD = +5V, AGND = DGND = 0, TA = TMIN to TMAX, Typical values are at TA = +25°C,
unless otherwise noted.)
Mode 1, Channel 1
µs
2
Mode 2, Channel 2
4
Mode 3, Channel 3
6
Mode 4, Channel 4
8
tCONV
Exiting shutdown
ms
20
Startup Time
Note 1:
AVDD = +5V, AVSS = -5V, DVDD = +5V, VREFIN = 2.500V (external), VIN = ±5V (MAX115) or ±2.5V (MAX116).
Note 2:
Integral nonlinearity is the analog value’s deviation at any code from its theoretical value after the full-scale range and
offset have been calibrated.
Note 3:
CLK synchronized with CONVST.
Note 4:
fIN = 10.06kHz, VIN = ±5V (MAX115) or ±2.5V (MAX116).
Note 5:
First five harmonics.
Note 6:
All inputs except CH1A driven with ±5V (MAX115) or ±2.5V (MAX116) 10.06kHz signal, CH1A connected to AGND and digi-
tized.
Note 7:
AVDD = DVDD = +5V, AVSS = -5V, VIN = 0V (all channels).
Note 8:
Temperature drift is defined as the change in output voltage from +25°C to TMIN or TMAX. It is calculated as
TC = [
∆REFOUT/REFOUT] / ∆T.
Note 9:
See Figure 2.
Note 10: Defined as the change in positive full scale caused by a ±5% variation in the nominal supply voltage. Tested with one input
at full scale and all others at AGND. VREFIN = +2.5V (internal).
Note 11: Tested with all inputs connected to AGND. VREFIN = +2.5V (internal).
Note 12: The data access time is defined as the time required for an output to cross +0.8V or +2.0V. It is measured using the circuit
of Figure 1. The measured number is then extrapolated back to determine the value with a 25pF load.
Note 13: The bus relinquish time is derived from the measured time taken for the data outputs to change +0.5V when loaded with the
circuit of Figure 1. The measured number is then extrapolated back to remove the effects of charging and discharging the
120pF capacitor. The time given is the part’s true bus relinquish time, which is independent of the external bus loading capac-
itance.
Conversion Time
Mode 1, Channel 1
ksps
390
Conversion Rate
Mode 2, Channel 2
218
Mode 3, Channel 3
152
Mode 4, Channel 4
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com