Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 2Page - Maxim Integrated Products MAX115 Datasheet HTML 3Page - Maxim Integrated Products MAX115 Datasheet HTML 4Page - Maxim Integrated Products MAX115 Datasheet HTML 5Page - Maxim Integrated Products MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
_______________Detailed Description
The MAX115/MAX116 use a successive-approximation
conversion technique and four simultaneous-sampling
track/hold (T/H) amplifiers to convert analog signals into
12-bit digital outputs. Each T/H has two multiplexed
inputs, allowing a total of eight inputs. Each T/H output
is converted and stored in memory to be accessed
sequentially by the parallel interface with successive
read cycles. The MAX115/MAX116 internal micro-
sequencer can be programmed to digitize one, two,
three, or four inputs sampled simultaneously from either
of the two banks of four inputs (Figure 2). The
MAX115/MAX116 can operate with either an external or
internal clock. For internal operation, connect CLK to
DVDD.
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
TO OUTPUT
PIN
120pF
1.0mA
1.6mA
1.6V
Channel 3 Multiplexed Inputs (single-ended)
CH3A, CH3B
34, 35
Channel 4 Multiplexed Inputs (single-ended)
CH4A, CH4B
32, 33
Analog Supply Voltage
AVSS
31
Interrupt output. Falling edge indicates the end of a conversion sequence.
INT
30
Conversion-Start input. Rising edge initiates sampling and conversion sequence.
CONVST
29
Read Input (active-low)
RD
28
Write Input (active-low)
WR
27
Digital Ground
DGND
18
Data Bits
D3, D2
19, 20
Bidirectional Data Bits/Address Bits
D1/A3, D0/A2
21, 22
Clock Input (duty cycle must be 30% to 70%). Connect CLK to DVDD to activate internal clock.
CLK
25
Chip-Select Input (active-low)
CS
26
Reference-Buffer output. Bypass with a 4.7µF capacitor to AGND.
REFOUT
7
Analog ground. Both pins must be connected to ground.
AGND
8, 36
Data Bits. D11 = MSB.
D11–D4
9–16
Digital Supply Voltage
DVDD
17
External reference input/internal reference output. Bypass with a 0.1µF capacitor to AGND.
REFIN
6
Analog Supply Voltage
AVDD
5
PIN
Channel 1 Multiplexed Inputs (single-ended)
CH1B, CH1A
3, 4
Channel 2 Multiplexed Inputs (single-ended)
CH2B, CH2A
1, 2
FUNCTION
NAME
Address Bits
A1, A0
23, 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com