Electronic Components Datasheet Search
  English  ▼

X  

MAX115 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX115
Description  2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX115 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX115 Datasheet HTML 6Page - Maxim Integrated Products MAX115 Datasheet HTML 7Page - Maxim Integrated Products MAX115 Datasheet HTML 8Page - Maxim Integrated Products MAX115 Datasheet HTML 9Page - Maxim Integrated Products MAX115 Datasheet HTML 10Page - Maxim Integrated Products MAX115 Datasheet HTML 11Page - Maxim Integrated Products MAX115 Datasheet HTML 12Page - Maxim Integrated Products MAX115 Datasheet HTML 13Page - Maxim Integrated Products MAX115 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Internal and External Reference
The MAX115/MAX116 can be used with an internal or
external reference voltage. An external +2.5 reference
can be connected directly at REFIN. An internal buffer
with a gain of +1 provides +2.5V at REFOUT.
Internal Reference
The full-scale range with the internal reference is ±5V
for the MAX115 and ±2.5V for the MAX116. Bypass
REFIN with a 0.1µF capacitor to AGND, and bypass the
REFOUT pin with a 4.7µF (min) capacitor to AGND
(Figure 6). The maximum value to compensate the ref-
erence buffer is 22µF. Larger values are acceptable if
low-ESR capacitors are used.
External Reference
For operation over a wide temperature range, an exter-
nal +2.5V reference with tighter specifications improves
accuracy. The MAX6325 is an excellent choice
to match the MAX115/MAX116 accuracy over the
commercial and extended temperature ranges with a
1ppm/°C (max) temperature drift. Connect an external
reference at REFIN as shown in Figure 7. The minimum
impedance is 7k
Ω for DC currents in both normal oper-
ation and shutdown. Bypass REFOUT with a 4.7µF low-
ESR capacitor.
Power-On Reset
When power is first applied, the internal power-on reset
(POR) circuitry activates the MAX115/MAX116 with INT
= high, ready to convert. The default conversion mode
is Input Mux A/Single Channel Conversion. See the
Programming Modes section if other configurations are
desired.
After the power supplies have been stabilized, the reset
time is 5µs. No conversions should be performed
during this phase. At power-up, data-in memory is
undefined.
Software Power-Down
Software power-down is activated by setting bit A3 of
the control word high (Table 1). It is asserted after the
WR or CS rising edge, at which point the ADC immedi-
ately powers down to a low quiescent-current state.
IAVDD and IAVSS drop to less than 1µA (typ), and IDVDD
drops to 13µA (typ). The ADC circuitry and reference
buffer are turned off, but the digital interface and the
reference remain active for fast power-up recovery.
Wake up the MAX115/MAX116 by writing a control
word (A0–A3, Table 1). The bidirectional interface inter-
prets a logic zero at A3 as the start signal, and powers
up in the mode selected by A0, A1, and A2. The refer-
ence buffer’s settling time and the bypass capacitor’s
value dominate the power-up delay. With the recom-
mended 4.7µF at REFOUT, the power-up delay is typi-
cally 20ms.
Transfer Function
The MAX115/MAX116 have bipolar input ranges. Figure
8 shows the bipolar/output transfer function. Code tran-
sitions occur at successive-integer least significant bit
2x4-Channel, Simultaneous-Sampling
12-Bit ADCs
______________________________________________________________________________________
11
TO DAC
REFIN
10k
4.7
µF
AV = 1
2.5V
REFOUT
7
6
(2.5V)
(2.5V)
OUT
MAX6325
MAX115
MAX116
Figure 7. External Reference
011 . . . 111
011 . . . 110
000 . . . 010
000 . . . 001
000 . . . 000
111 . . . 111
111 . . . 110
111 . . . 101
100 . . . 001
100 . . . 000
- FS
ZERO
INPUT VOLTAGE (LSB)
OUTPUT CODE
+FS - 1LSB
4096
MAX115: FS = 2 x VREFOUT, 1LSB = 4VREFOUT
MAX116: FS = VREFOUT, 1LSB = 2VREFOUT
4096
Figure 8. Bipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com