Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 36 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 36 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 32Page - Motorola, Inc MPC823 Datasheet HTML 33Page - Motorola, Inc MPC823 Datasheet HTML 34Page - Motorola, Inc MPC823 Datasheet HTML 35Page - Motorola, Inc MPC823 Datasheet HTML 36Page - Motorola, Inc MPC823 Datasheet HTML 37Page - Motorola, Inc MPC823 Datasheet HTML 38Page - Motorola, Inc MPC823 Datasheet HTML 39Page - Motorola, Inc MPC823 Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
Communication Processor Module
16-414
MPC823 REFERENCE MANUAL
MOTOROLA
CLEN—Character Length
This field is programmed with a value between 3 and 15 to obtain 4 to 16 bits per character.
If the character length is less than 8 bits, the MSBs of the byte in buffer memory are not used
on transmit and are written with zeros on receive. On the other hand, if the character length
is more than 8 bits but less than 16 bits, the MSBs of the half-word in buffer memory are not
used on transmit and are written with zeros on receive.
BS—Byte Sequence
This bit controls the sequence of byte transmission if the REVD bit is set for a character
length greater than 8 bits. It must be set to zero to maintain behavior compatibility with the
MC68360 QUICC microprocessor.
0 = Normal mode. This must be selected if the character length is less than
or equal to 8 bits.
1 = Transmit lower address byte first.
REVD—Reverse Data
0 = Normal mode.
1 = Reverse the character bit order. The MSB is transmitted first.
SM—SMCx Mode
00 = GCI or SCIT mode.
01 = Reserved.
10 = UART mode.
11 = Totally transparent mode. This must be selected for SMCx transparent operation.
DM—Diagnostic Mode
00 = Normal mode.
01 = Local loopback mode.
10 = Echo mode.
11 = Reserved.
TEN—SMCx Transmit Enable
0 = SMCx transmitter disabled.
1 = SMCx transmitter enabled.
Note: Erratic behavior will occur if you do not write the values 0 to 2 to CLEN. Larger
character lengths increase the potential performance of the SMCx channel and
lower the performance impact of other channels. For instance, using 16-bit
characters, rather than 8-bit characters is recommended if 16-bit characters are
acceptable in the final application.
Note: Once the TEN bit is cleared, it must not be reenabled for at least
three serial clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com