Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 72 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 72 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 66Page - Motorola, Inc MPC823 Datasheet HTML 67Page - Motorola, Inc MPC823 Datasheet HTML 68Page - Motorola, Inc MPC823 Datasheet HTML 69Page - Motorola, Inc MPC823 Datasheet HTML 70Page - Motorola, Inc MPC823 Datasheet HTML 71Page - Motorola, Inc MPC823 Datasheet HTML 72Page - Motorola, Inc MPC823 Datasheet HTML 73Page - Motorola, Inc MPC823 Datasheet HTML 74Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
Communication Processor Module
16-450
MPC823 REFERENCE MANUAL
MOTOROLA
16.12.4.4 SPI MASK REGISTER. The 8-bit read/write SPI mask (SPIM) register has the
same bit formats as the SPIE register. If a bit in the SPIM is 1, the corresponding interrupt
in the SPIE register is enabled. If the bit is zero, the corresponding interrupt in the SPIE
register is masked. This register is cleared by reset.
16.12.5 SPI Master Programming Example
The following is an example initialization sequence using the serial peripheral interface in
master mode at high speed.
1. Configure the port B pins to enable the SPIMOSI, SPIMISO, and SPICLK pins. Write
PBPAR and PBDIR bits 30, 29, and 28 with ones and then PBODR bits 30, 29, and 28
with zeros.
2. Configure a parallel I/O pin to operate as the serial peripheral interface select pin if
needed. If PB16 is chosen, write PBODR bit 16 with a zero, PBDIR bit 16 with a one,
and PBPAR bit 16 with a zero. Then write PBDAT bit 16 with a zero to constantly
assert the select pin.
3. Write RBASE and TBASE in the SPI parameter RAM to point to the RX buffer
descriptor and TX buffer descriptor in the dual-port RAM. Assuming one RX buffer
descriptor is at the beginning of the dual-port RAM and one TX buffer descriptor
follows that RX buffer descriptor, write RBASE with 0x2000 and TBASE with 0x2008.
4. Program the CPM command register (CPCR) to execute the INIT RX AND TX
PARAMS command. Write 0x0051 to the CPCR.
5. Write 0x0001 to the SDCR to initialize the SDMA configuration register.
6. Write 0x18 to RFCR and TFCR for normal operation.
7. Write MRBLR with the maximum number of bytes per receive buffer. In this case,
assume 16 bytes, so MRBLR = 0x0010.
8. Initialize the RX buffer descriptor and assume the RX data buffer is at 0x00001000 in
main memory. Write 0xB000 to RX_BD_Status, 0x0000 to RX_BD_Length (optional),
and 0x00001000 to RX_BD_Pointer.
SPIM
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
MIME
TXE
RES
BSY
TXB
RXB
RESET
0
000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
(IMMR & 0xFFFF0000) + 0xAAA
Note: For multimaster operation, enable the SPISEL pin to internally connect to the
serial peripheral interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com