Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 28 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 24Page - Motorola, Inc MPC823 Datasheet HTML 25Page - Motorola, Inc MPC823 Datasheet HTML 26Page - Motorola, Inc MPC823 Datasheet HTML 27Page - Motorola, Inc MPC823 Datasheet HTML 28Page - Motorola, Inc MPC823 Datasheet HTML 29Page - Motorola, Inc MPC823 Datasheet HTML 30Page - Motorola, Inc MPC823 Datasheet HTML 31Page - Motorola, Inc MPC823 Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Communication Processor Module
16-406
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.7 The SMCx in Transparent Mode
A serial managment controller in Transparent mode is also referred to as the SMCx
Transparent controller. The following is a list of the features that the SMCx Transparent
controller does not support:
• Independent transmit and receive clocks, unless it is connected to the TDM channel of
the serial interface
• CRC generation and checking
• Full RTSx, CTSx, and CDx pins. Instead, there is a SMSYN pin for each SMC.
• Ability to transmit data on demand using the transmit on demand register
• Receiver/transmitter in transparent mode while executing another protocol
• 4-, 8-, or 16-bit Sync recognition
• Internal DPLL support
An SMCx in Transparent mode has one feature that an SCCx in Transparent mode does
not. The serial management controllers allow a data character length option of 4 to 16 bits,
whereas the SCCs allow 8 or 32 bits, depending on how the RFW bit is set in the GSMR_H
(described in Section 16.9.2 The General SCCx Mode Registers).
16.11.7.1 FEATURES. The following list summarizes the features of a serial management
controller in Transparent mode:
• Flexible data buffers
• Connects to the TDM bus using the time-slot assigner in the serial interface
• Transmits and receives transparently on its own set of pins using a sync pin to
synchronize the beginning of transmission and reception to an external event
• Programmable 4-16 character length
• Reverse data mode
• Continuous transmission and reception modes
• Four available commands
16.11.7.2 SMCx TRANSPARENT CHANNEL TRANSMISSION PROCESS. The SMCx
Transparent transmitter is designed to work with almost no intervention from the core. When
the core enables the SMCx transmitter in transparent mode, it starts transmitting idles. The
serial management controllers immediately poll the first buffer descriptor in the transmit
channel buffer descriptor ring once every character time, depending on the character length
(every 4 to 16 serial clocks). When there is a message to transmit, a serial management
controller fetches the data from memory and starts transmitting the message after
synchronization is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com