Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 37 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 33Page - Motorola, Inc MPC823 Datasheet HTML 34Page - Motorola, Inc MPC823 Datasheet HTML 35Page - Motorola, Inc MPC823 Datasheet HTML 36Page - Motorola, Inc MPC823 Datasheet HTML 37Page - Motorola, Inc MPC823 Datasheet HTML 38Page - Motorola, Inc MPC823 Datasheet HTML 39Page - Motorola, Inc MPC823 Datasheet HTML 40Page - Motorola, Inc MPC823 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-415
REN—SMCx Receive Enable
0 = SMCx receiver disabled.
1 = SMCx receiver enabled.
16.11.7.10 SMCx TRANSPARENT RECEIVE BUFFER DESCRIPTOR. Using receive
(RX) buffer descriptors, the communication processor module reports information about the
received data for each buffer and closes the current buffer, generates a maskable interrupt,
and starts to receive data into the next buffer after one of the following events occurs:
• An overrun error occurs
• A full receive buffer is detected
• The ENTER HUNT MODE command is issued
E—Empty
0 = The data buffer associated with this RX buffer descriptor is filled with received data
or data reception has been aborted due to an error condition. The core is free to
examine or write to any fields of this RX buffer descriptor. The communication
processor module does not use this buffer descriptor as long as the E bit is zero.
1 = The data buffer associated with this buffer descriptor is empty or is currently
receiving data. This RX buffer descriptor and its associated receive buffer are
owned by the communication processor module. Once the E bit is set, the core
must not write any fields of this RX buffer descriptor.
Bits 1, 4–5, 7–13, and 15—Reserved
These bits are reserved and must be set to 0.
Note:
The communication processor module sets all the status bits in this buffer
descriptor, but you must clear them before submitting the buffer descriptor to the
communication processor module.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
E
RES
WI
RESERVED
CM
RESERVED
OV
RES
OFFSET + 2
DATA LENGTH
OFFSET + 4
RX DATA BUFFER POINTER
OFFSET + 6
NOTE: You are only responsible for initializing the items in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com