Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 51 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 51 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc MPC823 Datasheet HTML 50Page - Motorola, Inc MPC823 Datasheet HTML 51Page - Motorola, Inc MPC823 Datasheet HTML 52Page - Motorola, Inc MPC823 Datasheet HTML 53Page - Motorola, Inc MPC823 Datasheet HTML 54Page - Motorola, Inc MPC823 Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-429
TEN—SMCx Transmit Enable
0 = SMCx transmitter disabled.
1 = SMCx transmitter enabled.
REN—SMCx Receive Enable
0 = SMCx receiver disabled.
1 = SMCx receiver enabled.
16.11.8.5 SMCx GCI EVENT REGISTER. When a serial management controller is in GCI
mode, the 8-bit memory-mapped SMCx event register is referred to as the SMCx GCI event
(SMCE–GCI) register. It is used to generate interrupts and report events recognized by the
SMCx channel. When an event is recognized, a serial management controller sets the
corresponding bit in this register. Interrupts generated by this register can be masked in the
SMCM–GCI register. A bit is cleared by writing a 1 (writing a zero has no effect) more than
one bit can be cleared at a time. All unmasked bits must be cleared before the
communication processor module clears the internal interrupt request to the CPM interrupt
controller. This register is cleared by reset and can be read at any time.
Bits 0–3—Reserved
These bits are reserved and must be set to 0.
CTXB—Circuit Interface Channel Buffer Transmitted
This bit indicates that the circuit interface transmit buffer is now empty.
CRXB—Circuit Interface Channel Buffer Received
This bit indicates when the circuit interface receive buffer is full.
MTXB—Monitor Channel Buffer Transmitted
This bit indicates that the monitor transmit buffer is now empty.
MRXB—Monitor Channel Buffer Received
This bit indicates when the monitor receive buffer is full.
SMCE–GCI
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
CTXB
CRXB
MTXB
MRXB
RESET
0
0000
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
(IMMR & 0xFFFF0000) + 0xA86 (SMC1), 0xA96 (SMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com