Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 68Page - STMicroelectronics ST6280 Datasheet HTML 69Page - STMicroelectronics ST6280 Datasheet HTML 70Page - STMicroelectronics ST6280 Datasheet HTML 71Page - STMicroelectronics ST6280 Datasheet HTML 72Page - STMicroelectronics ST6280 Datasheet HTML 73Page - STMicroelectronics ST6280 Datasheet HTML 74Page - STMicroelectronics ST6280 Datasheet HTML 75Page - STMicroelectronics ST6280 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
72/78
ST62T80B/E80B
6.6 TIMER CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Note*: When available.
6.7 SPI CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
6.8 LCD ELECTRICAL CHARACTERISTICS
(TA = -40 to +85°C unless otherwise specified)
Notes:
1. The DC offset refers to all segment and common outputs. It is the difference between the measured voltage value and nominal value for
every voltage level.
2. An external resistor network is required when VLCD is lower then 4.5V.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fIN
Input Frequency on TIMER Pin*
MHz
tW
Pulse Width at TIMER Pin*
VDD = 3.0V
VDD >4.5V
1
125
µs
ns
fINT
8
----------
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
FCL
Clock Frequency
Applied on Scl
1
MHz
tSU
Set-up Time
Applied on Sin
50
ns
th
Hold Time
Applied onSin
100
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Vos
DC Offset Voltage
VLCD = Vdd, no load
50
mV
VOH
COM High Level, Output Voltage
SEG High Level, Output Voltage
I=100µA, VLCD=5V
I=50µA, VLCD=5V
4.5
V
VOL
COM Low Level, Output Voltage
SEG Low Level, Output Voltage
I=100µA, VLCD=5V
I=50µA, VLCD=5V
0.5
VLCD
Display Voltage
See Note 2
VDD -0.2
10
1118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com